Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK1625FJ-1 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SMK1625FJ-1
Description  SWITCHING REGULATOR APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK1625FJ-1 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SMK1625FJ-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK1625FJ-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK1625FJ-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK1625FJ-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK1625FJ-1 Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK1625FJ-1 Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK1625FJ-1 Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK1625FJ-1 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T0O071-000
2
SMK1625FJ
Electrical Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0V
250
-
-
V
Gate threshold voltage
VGS(th)
ID=250uA, VDS=VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=250V, VGS=0V
-
-
1
uA
Gate leakage current
IGSS
VDS=0V, VGS=30V
-
-
100
nA
Drain-source on-resistance
RDS(on)
VGS=10V, ID=8.0A
-
0.22
0.27
Forward transfer conductance
gfs
VDS=10V, ID=8.0A
-
10.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V
f=1 MHz
-
968
1275
pF
Output capacitance
Coss
-
204
278
Reverse transfer capacitance
Crss
-
49
64
Turn-on delay time
td(on)
VDD=125V, ID=16A
RG=25Ω
-
15
-
ns
Rise time
tr
-
130
-
Turn-off delay time
td(off)
-
135
-
Fall time
tf
-
105
-
Total gate charge
Qg
VDS=200V, VGS=10V
ID=16A
-
22
28
nC
Gate-source charge
Qgs
-
7.1
-
Gate-drain charge
Qgd
-
5.9
-
Source-Drain Diode Ratings and Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Source current (DC)
IS
Integral reverse diode
in the MOSFET
-
-
16
A
Source current (Pulsed)
ISM
-
-
64
Forward voltage
VSD
VGS=0V, IS=16A
-
-
1.4
V
Reverse recovery time
trr
IS=16A, VGS=0V
dIF/dt=100A/us
-
208
-
ns
Reverse recovery charge
Qrr
-
1.63
-
uC
Note ;
Repetitive rating : Pulse width limited by maximum junction temperature
L=3.0mH, IAS=16A, VDD=50V, RG=25Ω, Starting TJ=25℃
Pulse Test : Pulse width≤300us, Duty cycle≤2%
Essentially independent of operating temperature


Similar Part No. - SMK1625FJ-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK1625FJ KODENSHI-SMK1625FJ Datasheet
416Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
More results

Similar Description - SMK1625FJ-1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com