Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2516-5002-RB Datasheet(PDF) 1 Page - 3M Electronics

Part # N2516-5002-RB
Description  4-Wall Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N2516-5002-RB Datasheet(HTML) 1 Page - 3M Electronics

  N2516-5002-RB Datasheet HTML 1Page - 3M Electronics N2516-5002-RB Datasheet HTML 2Page - 3M Electronics N2516-5002-RB Datasheet HTML 3Page - 3M Electronics N2516-5002-RB Datasheet HTML 4Page - 3M Electronics N2516-5002-RB Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M4-Wall Header
.100
″ × .100″ Low Profile, Straight and Right Angle
2500 Series
Physical
Electrical
Environmental
*RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
"RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values
in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or prolybromianted diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing,
this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
Insulator
Material: Glass Filled Polyester (PCT)
Flammability:
UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 100
µ″ [ 2.54 µm ] Nickel - Overall
Wiping Area: 30
µ″ [ 0.76 µm ] Gold
Solder Tails: 200
µ″ [ 5.08 µm ] Matte Tin
Terminal Finish Indicator: e3 (per JESD97)
Marking:
3M Logo, Part Identification Number and Orientation Triangle
Current Rating:
2 A
Insulation Resistance: >1
× 109 Ω at 500 Vdc
Withstanding Voltage:
1000 Vrms at Sea Level
Temperature Rating:
-55
°C to +105°C
Process Rating: Maximum 260
°C, single pass, (profile per J-STD-020C)
Moisture Sensitivity Level:
1 (per J-STD-020C)
TS-0770-15
Sheet 1 of 4
• Low profile, space saving design
• Center slot polarization prevents mis-insertions
and reduces insertion time
• Dual slot polarization means broader compatibility
with competitive polarization designs
• Optional retainer clip for locking sockets in place
and increasing connection reliability in vibration-
prone environments
• High temperature insulator suitable for “no lead”
soldering operations
• Suitable for reflow soldering using “paste in hole”
techniques
• Exposed solder tails (on right angle version)
provide ease of cleaning and reduced repair costs
• RoHS* compliant
Date Modified: August 25, 2005


Similar Part No. - N2516-5002-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N2516-6003RB 3M-N2516-6003RB Datasheet
1Mb / 6P
   .100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
More results

Similar Description - N2516-5002-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3793 3M-3793 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
3000 3M-3000 Datasheet
682Kb / 5P
   3M??Pak 100 4-Wall Header
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
Molex Electronics Ltd.
0416810003 MOLEX5-0416810003 Datasheet
165Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 4 Circuits
1703351217 MOLEX1-1703351217_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Left End Wall
1703351408 MOLEX1-1703351408_17 Datasheet
37Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Open End Wall
1703351428 MOLEX1-1703351428_17 Datasheet
37Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Dual End Wall
logo
FIBOX Enclosing innovat...
8522346 FIBOX-8522346 Datasheet
40Kb / 1P
   Wall fastening lug (4 pcs)
11.08.2023
4712045 FIBOX-4712045 Datasheet
40Kb / 1P
   Wall fastening lug (4 pcs)
26.07.2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com