Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2514-5002-RB Datasheet(PDF) 5 Page - 3M Electronics

Part # N2514-5002-RB
Description  4-Wall Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N2514-5002-RB Datasheet(HTML) 5 Page - 3M Electronics

  N2514-5002-RB Datasheet HTML 1Page - 3M Electronics N2514-5002-RB Datasheet HTML 2Page - 3M Electronics N2514-5002-RB Datasheet HTML 3Page - 3M Electronics N2514-5002-RB Datasheet HTML 4Page - 3M Electronics N2514-5002-RB Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3
Printed in USA.
© 3M 2005
Minimum 10%
Post-Consumer Fiber
Important Notice
All statements, technical information, and recommendations
related to 3M’s products are based on information believed to be
reliable, but the accuracy or completeness is not guaranteed.
Before using this product, you must evaluate it and determine if it
is suitable for your intended application. You assume all risks and
liability associated with such use. Any statements related to the
product which are not contained in 3M’s current publications, or
any contrary statements contained on your purchase order shall
have no force or effect unless expressly agreed upon, in writing,
by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture
for a period of 90 days from the time of purchase. 3M MAKES
NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED
TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is
defective within the warranty period stated above, your exclusive
remedy shall be, at 3M’s option, to replace or repair the 3M
product or refund the purchase price of the 3M product. Except
where prohibited by law, 3M will not be liable for any indirect,
special, incidental or consequential loss or damage arising
from this 3M product, regardless of the legal theory asserted.
Electronics
6801 River Place Blvd.
Austin, TX 78726-9000
800/328-1368
www.3M.com/electronics


Similar Part No. - N2514-5002-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N2514-5002-RB 3M-N2514-5002-RB Datasheet
1Mb / 6P
   .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
More results

Similar Description - N2514-5002-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3793 3M-3793 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
3000 3M-3000 Datasheet
682Kb / 5P
   3M??Pak 100 4-Wall Header
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
Molex Electronics Ltd.
0416810003 MOLEX5-0416810003 Datasheet
165Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 4 Circuits
1703351217 MOLEX1-1703351217_17 Datasheet
35Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Left End Wall
1703351408 MOLEX1-1703351408_17 Datasheet
37Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Open End Wall
1703351428 MOLEX1-1703351428_17 Datasheet
37Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Unguided, Dual End Wall
logo
FIBOX Enclosing innovat...
8522346 FIBOX-8522346 Datasheet
40Kb / 1P
   Wall fastening lug (4 pcs)
11.08.2023
4712045 FIBOX-4712045 Datasheet
40Kb / 1P
   Wall fastening lug (4 pcs)
26.07.2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com