Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP92 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PP92
Description  2491B Single Core Flexible
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP92 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PP92 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP92 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2491B Single Core Flexible
Page <2>
06/05/10 V1.0
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Specification Table
Primary
Insulation
Colour
Voltage
Rating
(V ac)
Core
earth/core-core
Voltage Rating
Current
Rating
(A)
Conductor
Area
CSA
(mm2)
Resistance
per Meter
(R)
External
Diameter
Primary
Insulation
Thickness
Conductor
Make-up*
Part Number
Blue
450
450/750
25
2.5
7.98
3.63
0.8
50/0.25
PP99
Black
-
PP100
Green/Yellow
-
PP101
Brown
-
6.0
3.30
5.00
84/0.30
PP105
Blue
-
PP106
Black
-
PP107
Green/Yellow
-
PP108
Brown
-
10.0
1.91
6.40
80/0.40
PP112
Blue
-000A
PP113
Black
-
PP114
Green/Yellow
-
PP115
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC pro-Power is the registered trademark of the Group. © Premier Farnell plc 2010.
*This is a nominal number of strands. All wires made to meet minimum cross-sectional area and maximum resistance as set in BS
specification.
Dimensions : Millimetres


Similar Part No. - PP92

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP900D060 POWEREX-PP900D060 Datasheet
365Kb / 6P
   POW-R-PAK 900A / 600V Half Bridge IGBT Assembly
PP900D120 POWEREX-PP900D120 Datasheet
366Kb / 6P
   POW-R-PAK 900A / 1200V Half Bridge IGBT Assembly
logo
Pico Technology Ltd.
PP906 PICO-PP906 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
PP907 PICO-PP907 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
PP917 PICO-PP917 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
More results

Similar Description - PP92

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
750-032-16 GLENAIR-750-032-16 Datasheet
32Kb / 1P
   Flexible Metal-Core Conduit
750-035-16 GLENAIR-750-035-16 Datasheet
33Kb / 1P
   Flexible Metal-Core Conduit
750-031-16 GLENAIR-750-031-16 Datasheet
31Kb / 1P
   Flexible Metal-Core Conduit
750-033-16 GLENAIR-750-033-16 Datasheet
33Kb / 1P
   Flexible Metal-Core Conduit
750-095-16 GLENAIR-750-095-16 Datasheet
31Kb / 1P
   Flexible Metal-Core Conduit
750-085-16 GLENAIR-750-085-16 Datasheet
31Kb / 1P
   Flexible Metal-Core Conduit
logo
Taoglas antenna solutio...
WM.80.B.305111 TAOGLAS-WM.80.B.305111 Datasheet
532Kb / 6P
   Flexible Inner Steel Core Whip
WM.90.A305111 TAOGLAS-WM.90.A305111 Datasheet
1Mb / 21P
   flexible inner steel core whip
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
   Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
logo
List of Unclassifed Man...
CPU-301-16 ETC2-CPU-301-16 Datasheet
1Mb / 2P
   Flexible Deployment . CoM or standalone SBC Multi-Core Configurations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com