Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB36CA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # P6SMB36CA
Description  TVS Diodes P6SMB Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P6SMB36CA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  P6SMB36CA Datasheet HTML 1Page - List of Unclassifed Manufacturers P6SMB36CA Datasheet HTML 2Page - List of Unclassifed Manufacturers P6SMB36CA Datasheet HTML 3Page - List of Unclassifed Manufacturers P6SMB36CA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page <4>
10/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
TVS Diodes
P6SMB Series
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
Test
Current
at IT
(mA)
Stand-Off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
at VWM
ID (µA)
Maximum
Peak
Pulse
Current
IRSM
(Note 2)
(Amperes)
Maximum
Clamping
Voltage
at IPPM
VC (Volts)
Maximum
Temperature
Coefficient
of VBR
(% / °C)
VBR (Volts) (Note 1)
Unidirectional Bidirectional
Minimum Maximum
P6SMB100A
P6SMB100CA
MXJ
95
105
1
85.5
5
4.5
137
0.106
P6SMB10A
P6SMB10CA
KPJ
9.5
10.5
8.55
10
43
14.5
0.073
P6SMB150A
P6SMB150CA
NKJ
143
158
128
5
3
207
0.108
P6SMB18A
P6SMB18CA
LEJ
17.1
18.9
15.3
25
25.2
0.088
P6SMB200A
P6SMB200CA
NTJ
190
210
171
2.2
274
0.108
P6SMB22A
P6SMB22CA
LKJ
20.9
23.1
18.8
20
30.6
0.092
P6SMB27A
P6SMB27CA
LPJ
25.7
28.4
23.1
16.8
37.5
0.096
P6SMB33A
P6SMB33CA
LTJ
31.4
34.7
28.2
13.8
45.7
0.098
P6SMB36A
P6SMB36CA
LVJ
34.2
37.8
30.8
12.6
49.9
0.099
P6SMB39A
P6SMB39CA
LXJ
37.1
41
33.3
11.6
53.9
0.1
P6SMB47A
P6SMB47CA
MEJ
44.7
49.4
40.2
9.7
64.8
0.101
-
P6SMB62CA
MMJ
58.9
65.1
53
7.4
85
0.104
P6SMB68A
P6SMB68CA
MPJ
64.6
71.4
58.1
6.8
92
P6SMB6V8A P6SMB6V8CA
KEJ
6.45
7.14
10
5.8
1,000
60
10.5
0.057
Notes:
1. VBR measured after IT applied for 300 µs, IT = square wave pulse or equivalent
2. Surge current waverform and derate
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled
4. For bidirectional use C or CA suffix for types P6SMB6.8 through P6SMB220A
5. All terms and symbols are consistent with ANSI / IEEE C62.35


Similar Part No. - P6SMB36CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB36CA CENTRAL-P6SMB36CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
UN Semiconducctor INC
P6SMB36CA UNSEMI-P6SMB36CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
P6SMB36CA LUGUANG-P6SMB36CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
P6SMB36CA SUNMATE-P6SMB36CA Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Taiwan Semiconductor Co...
P6SMB36CA TSC-P6SMB36CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB36CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
P6SMB YINT-P6SMB Datasheet
867Kb / 5P
   P6SMB Transient Voltage Suppressor Diode Series
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
617Kb / 10P
   Silicon TVS diodes
2009-02-18
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
   Bidirectional TVS Diodes
logo
Infineon Technologies A...
ESD5V0S INFINEON-ESD5V0S Datasheet
153Kb / 8P
   Silicon TVS Diodes
2007-12-07
logo
Yea Shin Technology Co....
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
   Unidirectional TVS Diodes
logo
Yea Shin Technology Co....
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
   Unidirectional TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com