Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB150CA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P6SMB150CA
Description  TVS Diodes P6SMB Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P6SMB150CA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P6SMB150CA Datasheet HTML 1Page - List of Unclassifed Manufacturers P6SMB150CA Datasheet HTML 2Page - List of Unclassifed Manufacturers P6SMB150CA Datasheet HTML 3Page - List of Unclassifed Manufacturers P6SMB150CA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
10/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
TVS Diodes
P6SMB Series
Features:
• For surface mounted application in order to optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Excellent clamping capability
• Fast response time : typically less than 1 ps from 0 V to BV minimum
• Typical IR less than 1 µA above 10 V
• High temperature soldering guaranteed : 260°C / 10 seconds at terminals
• Plastic material used carries
• 600 watts peak pulse power capability with a 10 × 1,000 µs waveform by 0.01% duty cycle
SMB/DO-214AA
Dimensions : Inches (Millimetres)
Mechanical Data
Case
: Moulded plastic
Terminals
: Pure tin plated lead free
Polarity
: Indicated by cathode band
Standard Packaging
: 12 mm tape (EIA STD RS-481)
Weight
: 0.093 g


Similar Part No. - P6SMB150CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB150CA CENTRAL-P6SMB150CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Guangdong Youtai Semico...
P6SMB150CA UMW-P6SMB150CA Datasheet
615Kb / 4P
   Low profile package
logo
MERITEK ELECTRONICS COR...
P6SMB150CA MERITEK-P6SMB150CA Datasheet
262Kb / 4P
   Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P6SMB150CA SUNMATE-P6SMB150CA Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Taiwan Semiconductor Co...
P6SMB150CA TSC-P6SMB150CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB150CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
P6SMB YINT-P6SMB Datasheet
867Kb / 5P
   P6SMB Transient Voltage Suppressor Diode Series
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
617Kb / 10P
   Silicon TVS diodes
2009-02-18
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
   Bidirectional TVS Diodes
logo
Infineon Technologies A...
ESD5V0S INFINEON-ESD5V0S Datasheet
153Kb / 8P
   Silicon TVS Diodes
2007-12-07
logo
Yea Shin Technology Co....
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
   Unidirectional TVS Diodes
logo
Yea Shin Technology Co....
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
   Unidirectional TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com