Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0433BA02629S Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # SF0433BA02629S
Description  433 MHz SAW Filter 20 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF0433BA02629S Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  SF0433BA02629S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF0433BA02629S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF0433BA02629S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
433 MHz SAW Filter
20 MHz Bandwidth
Part Number: SF0433BA02629S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF0433BA02629S Rev X2 4-Jan-11
Page 1 of 3
DESCRIPTION
433 MHz SAW bandpass filter with 20 MHz bandwidth.
3.8 x 3.8 mm ceramic SMP, 6 pads.
RoHS compliant.
TYPICAL PERFORMANCE
S11 (333-533 MHz)
S22 (333-533 MHz)
Amp
10 dB/div
Amp
1 dB/div
Phase
20 deg/div
Delay
25 ns/div
Center = 433 MHz, 20 MHz/div (250 kHz incr)


Similar Part No. - SF0433BA02629S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0433BA02629S APITECH-SF0433BA02629S Datasheet
134Kb / 3P
   433 MHz SAW Filter 20 MHz Bandwidth
More results

Similar Description - SF0433BA02629S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0433BA02629S APITECH-SF0433BA02629S Datasheet
134Kb / 3P
   433 MHz SAW Filter 20 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1473A TAI-SAW-TA1473A Datasheet
401Kb / 7P
   SAW Filter 433 MHz
TA433K1 TAI-SAW-TA433K1 Datasheet
156Kb / 4P
   SAW Filter 433 MHz
TA0286B TAI-SAW-TA0286B Datasheet
653Kb / 6P
   SAW Filter 433 MHz
TA1914A TAI-SAW-TA1914A Datasheet
305Kb / 6P
   SAW Filter 433 MHz
logo
API Technologies Corp
SF0077BA03000S APITECH-SF0077BA03000S Datasheet
182Kb / 3P
   76.8 MHz SAW Filter 20 MHz Bandwidth
SF0077BA02499S APITECH-SF0077BA02499S Datasheet
160Kb / 3P
   76.8 MHz SAW Filter 20 MHz Bandwidth
SF0154BA03191S APITECH-SF0154BA03191S Datasheet
219Kb / 3P
   153.6 MHz SAW Filter 20 MHz Bandwidth
SF0300BA02467S APITECH-SF0300BA02467S Datasheet
157Kb / 3P
   300 MHz SAW Filter 20 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0300BA02467S SPECTRUM-SF0300BA02467S Datasheet
157Kb / 3P
   300 MHz SAW Filter 20 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com