Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L12J47RE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # L12J47RE
Description  Vitreous Enamel Power
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

L12J47RE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  L12J47RE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
34
Ohmite Mfg. Co.
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
270 Series
Vitreous Enamel Power
Dimensions (in. / mm)
Core
Standard
Series
Wattage
Ohms
L
D
C
Code
Voltage
Terminal
L12
12
0.1-51K
1.75 / 44.4
0.313 / 7.94
0.188 / 4.76
D
565
57
L25
25
0.15-100K
2.0 / 50.8
0.562 / 14.3
0.313 / 7.94
K
625
40
L50
50
0.38-260K
4.0 / 101.6
0.562 / 14.3
0.313 / 7.94
K
1625
40
L100
100
0.23-101K
6.5 / 165.1
0.750 / 19.1
0.50 / 12.7
M
2845
40
L175
175
0.13-101K
8.5 / 215.9
1.125 / 28.6
0.75 / 19.1
P
3595
46
L225
225
0.16-129K
10.5 / 266.7
1.125 / 28.6
0.75 / 19.1
P
4595
46
L500
500
0.38-218K
12.0 / 304.8
2.50 / 63.5
1.75 / 44.5
S
4970
45
L1000
1000
0.69-392K
20.0 / 508.0
2.50 / 63.5
1.75 / 44.5
S
8900
45
F E a T ur ES
• Terminals suitable for soldering
or bolt connection
• High wattage applications
• Rugged lead free vitreous enam-
el coating
• Flame resistant coating
• All-welded construction
• RoHS compliant available
• “Fast on” option – see terminal
538, page 37
S PEC i F i C a T i O n S
Material
Coating: Lead free vitreous
enamel. Very large models (750
watts and up) are supplied in
Silicone Ceramic. Also available
in low-cost Centohm coating;
Consult factory.
Core: Tubular ceramic.
Terminals: Solder coated radial
lug. RoHS solder composition is
96% Sn, 3.5% Ag, 0.5% Cu
Derating: Linearly from 100% @
+25°C to 0% @ +350°C.
Electrical
Tolerance:
±5% 1
Ω and over (J)
±10% under 1
Ω (K)
Power rating: Based on 25°C free
air rating.
Overload: 10 times rated wattage
for 5 seconds.
Temperature coefficient:
1 to 20
Ω: ±400 ppm/°C.
Above 20
Ω: ±260 ppm/°C
Dielectric withstanding voltage:
1000 VAC: 12 to 100 watt rating.
3000 VAC: 175 to 225 watt rat-
ing (Measured from terminal to
mounting bracket)
To calculate max. amps: use the
formula
√P/R
See page 36
for mounting
hardware
Non-Inductive versions available; Other sizes available; Also available in low cost Centohm or Silicone coating; Consult Ohmite.
* Maximum Voltage is based on Ohm’s Law [V=
√P*R] as limited by the resistance value of specified product
Select 270 Type fixed resistors for applications requiring wattage ratings from 12 to 1000 watts.
The 270 Type resistors are equipped with lug terminals suitable for soldering or sturdy bolt con-
nection. When secure mounting is required, the hollow core of these resistors permit fastening with
spring-type brackets, thru bolts or thru bolts with slotted-steel brackets.
Suitable for rugged applications, the 270 Type resistors feature all-welded construction and
durable lead free vitreous enamel coating. Mounting brackets not included with resistors.
St andard p ar t number S for 270 S erie S
= Standard values; check availability using the worldwide
inventory search at www.ohmite.com
Red outlined values supplied in Silicone-Ceramic coatings
instead of vitreous enamel.
0.51  L12JKR51E
1
L12J1R0E
3.3
L12J3R3E
4.7
L12J4R7E
10
L12J10RE
12
L12J12RE
15
L12J15RE
22
L12J22RE
27
L12J27RE
33
L12J33RE
47
L12J47RE
68
L12J68RE
82
L12J82RE
100
L12J100E
150
L12J150E
1 –––1R0E     
2 –––2R0E     
3 –––3R0E     
4 –––4R0E     
5 –––5R0E     
10 –––10RE     
15 –––15RE 
25 –––25RE     
50 –––50RE     
75 –––75RE     
100 –––100E     
125 –––125E
150 –––150E     
200 –––200E  
250 –––250E     
500 –––500E     
750 –––750E   
800 –––800E  
1,000 –––1K0E     
1,500 –––1K5E   
2,000 –––2K0E     
180
L12J180E
270
L12J270E
330
L12J330E
390
L12J390E
470
L12J470E
560
L12J560E
1000
L12J1K0E
1200
L12J1K2E
1500
L12J1K5E
2200
L12J2K2E
2700
L12J2K7E
4700
L12J4K7E
10000
L12J10KE
18000
L12J18KE
22000
L12J22KE
51000
L12J51KE
2,500 –––2K5E   
3,000 –––3K0E     
3,500 –––3K5E 
4,000 –––4K0E  
5,000 –––5K0E     
6,000 –––6K0E 
7,500 –––7K5E   
10,000 –––10KE     
12,000 –––12KE 
15,000 –––15KE   
20,000 –––20KE   
25,000 –––25KE  
30,000 –––30KE
35,000 –––35KE
40,000 –––40KE 
50,000 –––50KE   
60,000 –––60KE
75,000 –––75KE
100,000 –––100KE    
150,000 –––150KE
200,000 –––200KE
250,000 –––250KE
Ohmic
value
12 Watt
Ohmic
value
12 Watt
Wattage
Part no.
Prefix 
Suffix
Wattage
Part no.
Prefix 
Suffix
ordering inf o
m ade-to-order p ar t S
� � � � � � � � � � � � � � � �
Tolerance
J = 5%
K = 10%
Core Diameter
See “Core and
Terminal Selection”
Ohms
R500 = 0.500
1R00 = 1
250R = 250
1K00 = 1,000
25K0 = 25,000
25K5 = 25,500
RoHS Compliant
Coating
270 = Vitreous
470 = Silicone Ceramic
Wattage
Terminal Type
See “Resistor Terminals
for Tubular Cores”
Non-inductive
Blank = Standard
N = Non-inductive
L
2 5 J 1 0 0 E
Tolerance
J = 5%
K = 10%
Ohms
1R0 = 1
250 = 250
1K0 = 1,000
25K = 25,000
25K5 = 25,500
RoHS
Compliant
Wattage
Series
Coating
Blank = Vitreous
C = Centohm
S = Silicone
Non-inductive
Blank = Standard
N = Non-inductive
F = Fast on
(optional)
Power limitations for high resis-
tance values: When resistance
exceeds the resistance values
listed, derate the Power Rating by
25% to improve reliability:
Power Resistance
rating
value
12W
3,900
Ω
25W
12,000
Ω
50W
35,000
Ω
100W
75,000
Ω
No power
derating
necessary
for ratings
higher than
100W.
See website for
custom core and
terminal info
L
D
C


Similar Part No. - L12J47RE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
L12J47RE OHMITE-L12J47RE Datasheet
180Kb / 1P
   Terminals suitable for soldering or bolt connection
More results

Similar Description - L12J47RE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
EVF OHMITE-EVF Datasheet
475Kb / 2P
   Vitreous Enamel Power
L12J100E OHMITE-L12J100E Datasheet
122Kb / 1P
   Vitreous Enamel Power
B20J50R OHMITE-B20J50R Datasheet
181Kb / 1P
   Brown Devil Vitreous Enamel Power
B20J2R0 OHMITE-B20J2R0 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
21012D57R500JE OHMITE-21012D57R500JE Datasheet
127Kb / 1P
   Dividohm짰 Vitreous Enamel Adjustable Power
D25K100E OHMITE-D25K100E Datasheet
130Kb / 1P
   Dividohm짰 Vitreous Enamel Adjustable Power
B20J25R OHMITE-B20J25R Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J2K5 OHMITE-B20J2K5 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J50K OHMITE-B20J50K Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J250 OHMITE-B20J250 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com