Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLM315 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # LLM315
Description  Chip Monolithic Ceramic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LLM315 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  LLM315 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LLM315 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LLM315 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LLM315 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LLM315 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LLM315 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LLM315 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LLM315 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
R6 :
Y55 to W85°C
R7, C7 :
Y55 to W125°C
Operating
Temperature
Range
1
Item
No.
Test Method
See the previous pages.
Within the specified dimension
No defects or abnormalities
More than 10,000M
Ω or 500Ω · F
(Whichever is smaller)
No defects or abnormalities
Rated Voltage
Appearance
Dimensions
Dielectric Strength
Insulation
Resistance
2
3
4
5
6
Using calipers
The insulation resistance should be measured with a DC voltage
not exceeding the rated voltage at 25°C and 75%RH max. and
within 2 minutes of charging.
No failure should be observed when 250% of the rated voltage
is applied between the terminations for 1 to 5 seconds,
provided the charge/discharge current is less than 50mA.
Visual inspection
The rated voltage is defined as the maximum voltage which
may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
Continued on the following page.
Specifications
Within the specified tolerance
W.V.: 25V min.; 0.025 max.
W.V.: 16V max.; 0.035 max. *1
Capacitance
Dissipation Factor
(D.F.)
7
8
The capacitance/D.F. should be measured at 25°C at the
frequency and voltage shown in the table.
Capacitance
Temperature
Characteristics
9
The capacitance change should be measured after 5 min. at
each specified temperature stage.
The ranges of capacitance change compared with the 25°C
value over the temperature ranges shown in the table should
be within the specified ranges.
Step
Temperature (°C)
1
2
3
4
5
25
T2
Y55T3
25
T2
125
T3
25
T2
No removal of the terminations or other defect should occur.
Adhesive Strength
of Termination
10
Solder the capacitor to the test jig (glass epoxy board) using a
eutectic solder. Then apply 5N force in parallel with the test jig
for 10
T1 sec. The soldering should be done either with an iron
or using the reflow method and should be conducted with care
so that the soldering is uniform and free of defects such as heat
shock.
75% of the terminations are to be soldered evenly
and continuously.
Solderability of
Termination
12
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion). Preheat at
80 to 120°C for 10 to 30 seconds. After preheating, immerse in
eutectic solder solution for 2
T0.5 seconds at 230T5°C, or
Sn-3.0Ag-0.5Cu solder solution for 2
T0.5 seconds at 245T5°C.
More than 10,000M
Ω or 500Ω · F (Whichever is smaller)
Within
T7.5%
W.V.: 25V min.; 0.025 max.
W.V.: 16V max.; 0.035 max. *1
Appearance
I.R.
Capacitance
Change
D.F.
No marking defects
Resistance
to Soldering
Heat
13
Preheat the capacitor at 120 to 150°C for 1 minute. Immerse
the capacitor in a eutectic solder or Sn-3.0Ag-0.5Cu solder
solution at 270
T5°C for 10T0.5 seconds solution at 270T5°C
for 10
T0.5 seconds. Let sit at room temperature for 48T4
hours, then measure.
• Initial measurement.
Perform a heat treatment at 150
°C for one hour and then
let sit for 48
T4 hours at room temperature. Perform the initial
measurement.
+0
–10
No failure
Dielectric
Strength
No defects or abnormalities
Within the specified tolerance
W.V.: 25V min.; 0.025 max.
W.V.: 16V max.; 0.035 max. *1
Vibration
Resistance
11
Solder the capacitor to the test jig (glass epoxy board) in
the same manner and under the same conditions as (10). The
capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each 3 mutually perpendicular
directions (total of 6 hours).
Appearance
Capacitance
D.F.
Capacitance
Frequency
Voltage
C
V10µF (10V min.)
C
V10µF (6.3V max.)
C>10µF
1
T0.1kHz
1
T0.1kHz
120
T24kHz
1.0
T0.2Vrms
0.5
T0.1Vrms
0.5
T0.1Vrms
Char.
Temp. Range
(°C)
Reference
Temp.
Cap.Change
R6
R7
C7
Y55 to +85
Y55 to +125
Y55 to +125
25°C
25°C
25°C
Within
T15%
Within
T15%
Within
T22%
Specifications and Test Methods
70
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
05.12.14


Similar Part No. - LLM315

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LLM315 MURATA1-LLM315 Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
LLM315R70J225MA11L MURATA1-LLM315R70J225MA11L Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
LLM315R71A474MA11L MURATA1-LLM315R71A474MA11L Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
LLM315R71C104MA11L MURATA1-LLM315R71C104MA11L Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
LLM315R71C224MA11L MURATA1-LLM315R71C224MA11L Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
More results

Similar Description - LLM315

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com