Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK0270D-1 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SMK0270D-1
Description  SWITCHING REGULATOR APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK0270D-1 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SMK0270D-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0270D-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0270D-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0270D-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0270D-1 Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0270D-1 Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0270D-1 Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0270D-1 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T6O011-001
1
SMK0270D
Advanced N-Ch Power MOSFET
G
D
PIN Connection
S
D
S
TO-252
G
SWITCHING REGULATOR APPLICATIONS
Features
• High Voltage : BVDSS=700V(Min.)
• Low Crss : Crss=6.0pF(Typ.)
• Low gate charge : Qg=7.2nC(Typ.)
• Low RDS(on) : RDS(on)=6.3Ω(Max.)
Ordering Information
Marking Diagram
Absolute maximum ratings (T
C=25°C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
700
V
Gate-source voltage
VGSS
±30
V
(Tc=25℃)
2.0
A
Drain current (DC) *
ID
(Tc=100℃)
1.3
A
Drain current (Pulsed) *
IDM
8.0
A
Power dissipation
PD
25
W
Avalanche current (Single)
IAS
2.0
A
Single pulsed avalanche energy
EAS
41
mJ
Avalanche current (Repetitive)
IAR
2.0
A
Repetitive avalanche energy
EAR
1.8
mJ
Junction temperature
TJ
150
Storage temperature range
Tstg
-55~150
°C
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max.
Unit
Junction-case
Rth(J-C)
-
4.46
Thermal
resistance
Junction-ambient
Rth(J-A)
-
62.5
°C/W
Column 1,2 : Device Code
Column 3 : Production Information
e.g.) YWW
-. YWW : Date Code (year, week)
Type No.
Marking
Package Code
SMK0270D
SMK0270
TO-252
SMK
0270
YWW


Similar Part No. - SMK0270D-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK0270D KODENSHI-SMK0270D Datasheet
500Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
logo
SHENZHEN DOINGTER SEMIC...
SMK0270D DOINGTER-SMK0270D Datasheet
894Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - SMK0270D-1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com