Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC329002 Datasheet(PDF) 10 Page - Texas Instruments

Part # UC329002
Description  ADVANCED 8-PIN LOAD-SHARE CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC329002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UC329002 Datasheet HTML 6Page - Texas Instruments UC329002 Datasheet HTML 7Page - Texas Instruments UC329002 Datasheet HTML 8Page - Texas Instruments UC329002 Datasheet HTML 9Page - Texas Instruments UC329002 Datasheet HTML 10Page - Texas Instruments UC329002 Datasheet HTML 11Page - Texas Instruments UC329002 Datasheet HTML 12Page - Texas Instruments UC329002 Datasheet HTML 13Page - Texas Instruments UC329002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
UCC29002
UCC29002/1
UCC39002
SLUS495H − SEPTEMBER 2001 − REVISED AUGUST 2007
10
www.ti.com
FUNCTIONAL DESCRIPTION
start up and adjust logic
The start up and adjust logic responds to unusual operating conditions during start up, fault and disable. Under
these circumstances the information obtainable by the error amplifier of the UCC39002 is not sufficient to make
the right output voltage adjustment, therefore the adjust amplifier is forced to certain known states. Similarly,
the driver amplifier of UCC39002 is disabled during these conditions.
In the UCC39002/UCC29002, during start up, the load share driver amplifier is disabled by the disconnect
switch and the adjust amplifier is forced to sink the maximum current through the adjust resistor. This operating
mode ensures that the module controlled by the UCC39002 will be able to quickly engage in sharing the load
current since its output will be adjusted to a sufficiently high voltage immediately at turn on. Both the load share
driver and the adjust amplifiers revert to normal operation as soon as the measured current exceeds 80% of
the average per module current level represented by the LS bus voltage. The UCC29002/1 does not have this
logic at start up. In this way, the UCC29002/1 will not adjust the output of the module to its maximum adjustment
range at turn on and engages load sharing at more moderate rate.
In case of a fault shorting the load share bus to ground or to the bias of the UCC39002 the load share bus driver
and the adjust amplifiers are disabled. The same action takes place when the UCC39002 is disabled using the
CS+ and CS− pins or when the bias voltage is below the minimum operating voltage.
bias and bias OK circuit (VDD)
The UCC39002 is built on a 15-V, high performance BiCMOS process. Accordingly the maximum voltage across
the VDD and GND pins (pin 3 and 4 respectively) is limited to 15 V. The recommended maximum operating
voltage is 13.5 V which corresponds to the tolerance of the on-board 14.2-V Zener clamp circuit. In case the
bias voltage could exceed the 13.5-V limit, the UCC39002 should be powered through a current limiting resistor.
The current into the VDD pin must be limited to 10 mA as listed in the absolute maximum ratings table.
The bypass capacitor for VDD is also the compensation for the input active clamp of the device and, as such,
must be placed as close to the device pins (VDD and GND) as possible, using a good quality low ESL capacitor,
including trace length. The device is optimized for a capacitor value of 0.1
µF to 1 µF.
UDG−02089
4
GND
3
VDD
+
Bias_OK
VBIAS
(Internal Bias)
14.2 V
4.375 V
Figure 3. VDD Clamp and Bias Monitor


Similar Part No. - UC329002

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3206AG-XX-AF5-R UTC-UC3206AG-XX-AF5-R Datasheet
210Kb / 4P
   CMOS IC
UC3206BG-XX-AF5-R UTC-UC3206BG-XX-AF5-R Datasheet
210Kb / 4P
   CMOS IC
UC3206XG-XX-AF5-R UTC-UC3206XG-XX-AF5-R Datasheet
210Kb / 4P
   CMOS IC
logo
California Eastern Labs
UC3221GV CEL-UC3221GV Datasheet
473Kb / 19P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
logo
VITALCONN ELECTRONICS H...
UC32E31LBC7 VITALCONN-UC32E31LBC7 Datasheet
152Kb / 1P
   USB CF VERTICAL (L=10, 40)
REV: A
More results

Similar Description - UC329002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com