Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3817DWG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC3817DWG4
Description  BCMOS POWER FACTOR PREREGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3817DWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC3817DWG4 Datasheet HTML 2Page - Texas Instruments UCC3817DWG4 Datasheet HTML 3Page - Texas Instruments UCC3817DWG4 Datasheet HTML 4Page - Texas Instruments UCC3817DWG4 Datasheet HTML 5Page - Texas Instruments UCC3817DWG4 Datasheet HTML 6Page - Texas Instruments UCC3817DWG4 Datasheet HTML 7Page - Texas Instruments UCC3817DWG4 Datasheet HTML 8Page - Texas Instruments UCC3817DWG4 Datasheet HTML 9Page - Texas Instruments UCC3817DWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
6
www.ti.com
pin descriptions (continued)
IAC: (current proportional to input voltage) This input to the analog multiplier is a current proportional to
instantaneous line voltage. The multiplier is tailored for very low distortion from this current input (IIAC) to
multiplier output. The recommended maximum IIAC is 500 µA.
MOUT: (multiplier output and current amplifier inverting input) The output of the analog multiplier and the
inverting input of the current amplifier are connected together at MOUT. As the multiplier output is a current, this
is a high-impedance input so the amplifier can be configured as a differential amplifier. This configuration
improves noise immunity and allows for the leading-edge modulation operation. The multiplier output current
is limited to 2
I
IAC
. The multiplier output current is given by the equation:
I
MOUT +
I
IAC
(V
VAOUT *
1)
V
VFF
2
K
where K
+ 1
V
is the multiplier gain constant.
OVP/EN: (over-voltage/enable) A window comparator input that disables the output driver if the boost output
voltage is a programmed level above the nominal or disables both the PFC output driver and resets SS if pulled
below 1.9 V (typ).
PKLMT: (PFC peak current limit) The threshold for peak limit is 0 V. Use a resistor divider from the negative side
of the current sense resistor to VREF to level shift this signal to a voltage level defined by the value of the sense
resistor and the peak current limit. Peak current limit is reached when PKLMT voltage falls below 0 V.
RT: (oscillator charging current) A resistor from RT to GND is used to program oscillator charging current. A
resistor between 10 k
Ω and 100 kΩ is recommended. Nominal voltage on this pin is 3 V.
SS: (soft-start) VSS is discharged for VVCC low conditions. When enabled, SS charges an external capacitor
with a current source. This voltage is used as the voltage error signal during start-up, enabling the PWM duty
cycle to increase slowly. In the event of a VVCC dropout, the OVP/EN is forced below 1.9 V (typ), SS quickly
discharges to disable the PWM.
Note: In an open-loop test circuit, grounding the SS pin does not ensure 0% duty cycle. Please see the
application section for details.
VAOUT: (voltage amplifier output) This is the output of the operational amplifier that regulates output voltage.
The voltage amplifier output is internally limited to approximately 5.5 V to prevent overshoot.
VCC: (positive supply voltage) Connect to a stable source of at least 20 mA between 10 V and 17 V for normal
operation. Bypass VCC directly to GND to absorb supply current spikes required to charge external MOSFET
gate capacitances. To prevent inadequate gate drive signals, the output devices are inhibited unless VVCC
exceeds the upper under-voltage lockout voltage threshold and remains above the lower threshold.
VFF: (feed-forward voltage) The RMS voltage signal generated at this pin by mirroring 1/2 of the IIAC into a single
pole external filter. At low line, the VFF voltage should be 1.4 V.
VSENSE: (voltage amplifier inverting input) This is normally connected to a compensation network and to the
boost converter output through a divider network.
VREF: (voltage reference output) VREF is the output of an accurate 7.5-V voltage reference. This output is
capable of delivering 20 mA to peripheral circuitry and is internally short-circuit current limited. VREF is disabled
and remains at 0 V when VVCC is below the UVLO threshold. Bypass VREF to GND with a 0.1-µF or larger
ceramic capacitor for best stability. Please refer to Figures 8 and 9 for VREF line and load regulation
characteristics.


Similar Part No. - UCC3817DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3817DWG4 TI-UCC3817DWG4 Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3817DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com