Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP73A2B100KATG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RP73A2B100KATG
Description  SMD High Power Precision Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RP73A2B100KATG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RP73A2B100KATG Datasheet HTML 1Page - List of Unclassifed Manufacturers RP73A2B100KATG Datasheet HTML 2Page - List of Unclassifed Manufacturers RP73A2B100KATG Datasheet HTML 3Page - List of Unclassifed Manufacturers RP73A2B100KATG Datasheet HTML 4Page - List of Unclassifed Manufacturers RP73A2B100KATG Datasheet HTML 5Page - List of Unclassifed Manufacturers RP73A2B100KATG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Case Sizes 0603
E24
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
E24 3 Digit Marking - Example: 101=100
Ω 102=1KΩ
Dimensions
Part Number
LW
t
D
C
Weight (g) 1000 pieces
RP73 1E (0402)
1.00 ±0.05
0.50 ±0.05
0.30 ±0.05
0.20 ±0.10
0.20 ±0.10
0.54
RP73(P) 1J (0603)
1.55 ±0.10
0.80 ±0.10
0.45 ±0.10
0.30 ±0.20
0.30 ±0.20
1.83
RP73(P) 2A (0805)
2.00 ±0.15
1.25 ±0.15
0.55 ±0.10
0.30 ±0.20
0.40 ±0.25
4.71
RP73 2B (1206)
3.05 ±0.15
1.55 ±0.15
0.55 ±0.10
0.42 ±0.20
0.35 ±0.25
9.02
RP73 2E (1210)
3.10 ±0.15
2.40 ±0.15
0.55 ±0.10
0.40 ±0.20
0.55 ±0.25
10.00
RP73 2H (2010)
4.90 ±0.15
2.40 ±0.15
0.55 ±0.10
0.60 ±0.30
0.50 ±0.25
23.61
RP73 3A (2512)
6.30 ±0.15
3.10 ±0.15
0.55 ±0.10
0.60 ±0.30
0.50 ±0.25
38.08
L
D
W
t
C
1. Alumina Substrate
2. Bottom Electrode (Ag)
3. Top Electrode (Ag-Pd)
4. Edge Electrode (NiCr)
5. Barrier Layer (Ni)
6. External Electrode (Sn)
7. Resistor Layer (NiCr)
8. Overcoat (Epoxy)
9. Marking
Marking Codes - Case Sizes 0805 to 2512
Resistance:
100Ω
2.2KΩ
10KΩ
49.9KΩ
100KΩ
Marking Code:
1000
2201
1002
4992
1003
IEC 4 Digit Marking
SMD High Power Precision Resistors
Type RP73 Series
1773272 CIS WR 04/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
-55
-40
-20
0
20
40
60 70 80
100
120
140 155
100
80
60
40
20
0
Ambient Temperature (°C)
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this curve.
Power Derating Curve
E96 3 Digit Marking - Examples: 14C=13K7
Ω,13C=13K3Ω,68B=4K99Ω,68X=49.9Ω
14C


Similar Part No. - RP73A2B100KATG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP73A2B100KATG ETC2-RP73A2B100KATG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RP73A2B100KATG ETC2-RP73A2B100KATG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
More results

Similar Description - RP73A2B100KATG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com