Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD612216C Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # CD612216C
Description  POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

CD612216C Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  CD612216C Datasheet HTML 1Page - Power Analog Micoelectronics CD612216C Datasheet HTML 2Page - Power Analog Micoelectronics CD612216C Datasheet HTML 3Page - Power Analog Micoelectronics CD612216C Datasheet HTML 4Page - Power Analog Micoelectronics CD612216C Datasheet HTML 5Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
160 Amperes / 2000 to 2500 Volts
Revision Date: 05/20/2013
CD61__16C, CS61__16C
CC61__16C, CN61__16C
®
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to VRRM, TJ=150°C
14
mA
Peak On-State Voltage
V FM
IFM =480A
1.66
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 150°C, I = 16.7% x IT(AV) to IT(AV)
0.85
1.45
V
m
Ω
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Junction, both conducting
0.23
°C/W
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.08
°C/W


Similar Part No. - CD612216C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CD612216C PAM-CD612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CD612216C PAM-CD612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
More results

Similar Description - CD612216C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CC612216C PAM-CC612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CC612416C PAM-CC612416C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CD412499C PAM-CD412499C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CC412099C POWEREX-CC412099C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
Power Analog Micoelectr...
CC611416C PAM-CC611416C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611216C PAM-CC611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC610816C PAM-CC610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611016C PAM-CC611016C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
logo
Powerex Power Semicondu...
CD410899C POWEREX-CD410899C Datasheet
476Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
LD412260 POWEREX-LD412260 Datasheet
393Kb / 6P
   POW-R-BLOKTM Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com