Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1C9R9WD05 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C9R9WD05
Description  Chip Monolithic Ceramic Capacitors
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C9R9WD05 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1C9R9WD05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0225C1C9R9WD05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1C9R9WD05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1C9R9WD05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C9R9WD05 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C9R9WD05 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C9R9WD05 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C9R9WD05 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C9R9WD05 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 182 page
background image
C02E.pdf
Sep.25,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog.
(Part Number)
w
GR
q
M
e
18
r
8
t
B1
y
1H
u
102
i
K
o
A01
!0
D
Continued from the preceding page.
Continued on the following page.
tTemperature Characteristics
Code
Temperature
Characteristic Codes
Public
STD Code
Reference
Temperature
Temperature Characteristics
Capacitance Change Each Temperature (%)
Capacitance Change
or Temperature
Coefficient
Operating
Temperature
Range
–55°C
Max.
*3
–10°C
Temperature
Range
SL
CH
CJ
UJ
CK
C0G
U2J
B
*1
B
X5S
X7S
X6S
X7T
X6T
X7U
R
*1
X5R
X7R
JIS
JIS
JIS
JIS
JIS
EIA
EIA
JIS
JIS
EIA
EIA
EIA
EIA
EIA
EIA
JIS
EIA
EIA
20°C
20°C
20°C
20°C
20°C
25°C
25°C
20°C
20°C
25°C
25°C
25°C
25°C
25°C
25°C
20°C
25°C
25°C
1X
2C
3C
3U
4C
5C
7U
B1
B3
C6
C7
C8
D7
D8
E7
R1
R6
R7
20 to 85°C
20 to 125°C
20 to 125°C
20 to 85°C
20 to 125°C
25 to 125°C
25 to 125°C *2
–25 to 85°C
–25 to 85°C
–55 to 85°C
–55 to 125°C
–55 to 105°C
–55 to 125°C
–55 to 105°C
–55 to 125°C
–55 to 125°C
–55 to 85°C
–55 to 125°C
+350 to –1000ppm/°C
0±60ppm/°C
0±120ppm/°C
–750±120ppm/°C
0±250ppm/°C
0±30ppm/°C
–750±120ppm/°C
±10%
±10%
±22%
±22%
±22%
+22%, –33%
+22%, –33%
+22%, –56%
±15%
±15%
±15%
–55 to 125°C
–55 to 125°C
–55 to 125°C
–25 to 85°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–25 to 85°C
–25 to 85°C
–55 to 85°C
–55 to 125°C
–55 to 105°C
–55 to 125°C
–55 to 105°C
–55 to 125°C
–55 to 125°C
–55 to 85°C
–55 to 125°C
-
0.82
1.37
-
2.56
0.58
8.78
-
-
-
-
-
-
-
-
-
-
-
Min.
-
–0.45
–0.9
-
–1.88
–0.24
5.04
-
-
-
-
-
-
-
-
-
-
-
Max.
-
0.49
0.82
4.94
1.54
0.4
6.04
-
-
-
-
-
-
-
-
-
-
-
Min.
-
–0.27
–0.54
2.84
–1.13
–0.17
3.47
-
-
-
-
-
-
-
-
-
-
-
Max.
-
0.33
0.55
3.29
1.02
0.25
3.84
-
-
-
-
-
-
-
-
-
-
-
Min.
-
–0.18
–0.36
1.89
–0.75
–0.11
2.21
-
-
-
-
-
-
-
-
-
-
-
*1 Capacitance change is specified with 50% rated voltage applied.
*2 Rated Voltage 100Vdc max: 25 to 85°C
*3 –25°C (Reference Temperature 20°C) / –30°C (Reference Temperature 25°C)
yRated Voltage
0E
0G
0J
1A
1C
1E
1H
1J
1K
2A
2D
2E
DC2.5V
DC4V
DC6.3V
DC10V
DC16V
DC25V
DC50V
DC63V
DC80V
DC100V
DC200V
DC250V
Code
Rated Voltage
2W
2H
2J
3A
3D
3F
YA
DC450V
DC500V
DC630V
DC1kV
DC2kV
DC3.15kV
DC35V
uCapacitance
Expressed by three-digit alphanumerics. The unit is picofarad
(pF). The first and second figures are significant digits, and the
third figure expresses the number of zeros which follow the two
numbers. If there is a decimal point, it is expressed by the capital
letter "R." In this case, all figures are significant digits.
If any alphabet, other than "R", is included, this indicates the
specific part number is a non-standard part.
R50
1R0
100
103
Ex.)
0.50pF
1.0pF
10pF
10000pF
Code
Capacitance
iCapacitance Tolerance
B
C
D
F
G
J
K
M
W
±0.1pF
±0.25pF
±0.5pF (10pF and below)
±0.5% (10pF and over)
±1%
±2%
±5%
±10%
±20%
±0.05pF
Code
Capacitance Tolerance


Similar Part No. - GRM0225C1C9R9WD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C9R9WD05 MURATA-GRM0225C1C9R9WD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C9R9WD05 MURATA-GRM0225C1C9R9WD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C9R9WD05 MURATA-GRM0225C1C9R9WD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C9R9WD05 MURATA-GRM0225C1C9R9WD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors (Medium Voltage)
More results

Similar Description - GRM0225C1C9R9WD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com