Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27536DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27536DBVR
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27536DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27536DBVR Datasheet HTML 4Page - Texas Instruments UCC27536DBVR Datasheet HTML 5Page - Texas Instruments UCC27536DBVR Datasheet HTML 6Page - Texas Instruments UCC27536DBVR Datasheet HTML 7Page - Texas Instruments UCC27536DBVR Datasheet HTML 8Page - Texas Instruments UCC27536DBVR Datasheet HTML 9Page - Texas Instruments UCC27536DBVR Datasheet HTML 10Page - Texas Instruments UCC27536DBVR Datasheet HTML 11Page - Texas Instruments UCC27536DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
2
5
3
1
6
4
UVLO
VDD
VDD
VDD
OUTH
OUTL
IN 1
IN 2
GND
1
3
2
5
4
UVLO
VDD
VDD
VDD
OUT
EN
IN+
GND
VREF
UCC27531
UCC27533, UCC27536
UCC27537, UCC27538
SLUSBA7D – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
Figure 7. UCC27537
(EN pull-up resistance to VREF = 500 k
Ω, VREF = 5.8 V, IN+ pull-down resistance to GND = 230 kΩ)
Figure 8. UCC27538
(IN1 pull-down resistance to GND = 230 k
Ω, IN2 pull-down resistance to GND = 230 kΩ)
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: UCC27531 UCC27533, UCC27536 UCC27537, UCC27538


Similar Part No. - UCC27536DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27536DBVR TI1-UCC27536DBVR Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27536DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI1-UCC27531_15 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com