Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3957M-4G4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC3957M-4G4
Description  THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3957M-4G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC3957M-4G4 Datasheet HTML 2Page - Texas Instruments UCC3957M-4G4 Datasheet HTML 3Page - Texas Instruments UCC3957M-4G4 Datasheet HTML 4Page - Texas Instruments UCC3957M-4G4 Datasheet HTML 5Page - Texas Instruments UCC3957M-4G4 Datasheet HTML 6Page - Texas Instruments UCC3957M-4G4 Datasheet HTML 7Page - Texas Instruments UCC3957M-4G4 Datasheet HTML 8Page - Texas Instruments UCC3957M-4G4 Datasheet HTML 9Page - Texas Instruments UCC3957M-4G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
UCC39571, UCC39572, UCC39573, UCC39574
SLUS236B – JANUARY 1999 – REVISED SEPTEMBER 2002
6
www.ti.com
APPLICATION INFORMATION
overview (continued)
Figure 2 shows a four-cell protector with optional components to protect the charge FET from excessive
gate-to-source transients. In this application, the Zener diode VR1 and the resistor R2 are optional. They protect
the MOSFET Q1 from excessive open-circuit charger voltage. Diode D1 protects MOSFET Q2 from inductive
kick during turn-off.
UDG–98017
1
3
2
4
DVDD
VDD
CLCNT
WU
AN1
AN2
AN3
AN4
BATLO
CHGEN
AN4
CHG
CDLY2
AVDD
CDLY1
5
7
6
8
16
14
15
13
12
10
11
9
C3
OPTIONAL
+
+
+
PACK (–)
PACK (+)
Q1
IFR7416
CHARGE
Q2
IFR7416
DISCHARGE
Q3
2N7002
LI–ION
BATTERY
STACK
+
VR1 18 V
D1
1 A, 50 V
R1 1 M
R2
10 k
C1
0.1
µF
C2
0.1
µF
C5
4.7
µF
25 V
C4
0.022
µF
RSENSE
0.025
DCHG
Figure 2. Four-Cell Lithium-Ion Protector Application Diagram
connecting the cell stack
When connecting the cell stack to the circuit, it is important to do so in the proper order. First, the bottom of the
stack should be connected to AN4 . Next, the top of the stack should be connected to VDD. The cell taps can
then be connected to AN1, AN2, and AN3 in any order.
choosing three or four cells
For three-cell packs, the cell-count pin (CLCNT) should be connected to the DVDD pin, and the AN3 pin should
be tied to the AN4 pin. For four-cell applications, the CLCNT pin should be grounded (to AN4) and the AN3 pin
is connected to the positive terminal of the bottom cell in the stack.
Not Recommended for New Designs


Similar Part No. - UCC3957M-4G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957M-4G4 TI1-UCC3957M-4G4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
More results

Similar Description - UCC3957M-4G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com