Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28700DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28700DBVR
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28700DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28700DBVR Datasheet HTML 5Page - Texas Instruments UCC28700DBVR Datasheet HTML 6Page - Texas Instruments UCC28700DBVR Datasheet HTML 7Page - Texas Instruments UCC28700DBVR Datasheet HTML 8Page - Texas Instruments UCC28700DBVR Datasheet HTML 9Page - Texas Instruments UCC28700DBVR Datasheet HTML 10Page - Texas Instruments UCC28700DBVR Datasheet HTML 11Page - Texas Instruments UCC28700DBVR Datasheet HTML 12Page - Texas Instruments UCC28700DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LC
S1
CS
D
PA
LC
P
K
R
R
T
N
R
L
´
´
´
´
=
UCC28700, UCC28701
UCC28702, UCC28703
www.ti.com
SLUSB41 – JULY 2012
CS (Current Sense): The current-sense pin is connected through a series resistor (RLC) to the current-sense
resistor (RCS). The current-sense threshold is 0.75 V for IPP(max) and 0.25 V for IPP(min). The series resistor RLC
provides the function of feed-forward line compensation to eliminate change in IPP due to change in di/dt and the
propagation delay of the internal comparator and MOSFET turn-off time. There is an internal leading-edge
blanking time of 235 ns to eliminate sensitivity to the MOSFET turn-on current spike. It should not be necessary
to place a bypass capacitor on the CS pin. The value of RCS is determined by the target output current in
constant-current (CC) regulation. The values of RCS and RLC can be determined by the equations below. The
term
ηXFMR is intended to account for the energy stored in the transformer but not delivered to the secondary.
This includes transformer resistance and core loss, bias power, and primary-to-secondary leakage ratio.
Example: With a transformer core and winding loss of 5%, primary-to-secondary leakage inductance of 3.5%,
and bias power to output power ratio of 1.5%. The
ηXFMR value is approximately: 1 - 0.05 - 0.035 - 0.015 = 0.9.
where
VCCR is a current regulation constant (see ELECTRICAL CHARACTERISTICS),
NPS is the transformer primary-to-secondary turns ratio (a ratio of 13 to 15 is recommended for 5-V output),
IOCC is the target output current in constant-current regulation,
ηXFMR is the transformer efficiency.
(3)
where
RS1 is the VS pin high-side resistor value,
RCS is the current-sense resistor value,
TD is the current-sense delay including MOSFET turn-off delay, add ~50 ns to MOSFET delay,
NPA is the transformer primary-to-auxiliary turns ratio,
LP is the transformer primary inductance,
KLC is a current-scaling constant (see ELECTRICAL CHARACTERISTICS).
(4)
CBC (Cable Compensation), Pin 1 UCC28700: The cable compensation pin is connected to a resistor to
ground to program the amount of output voltage compensation to offset cable resistance. The cable
compensation block provides a 0-V to 3-V voltage level on the CBC pin corresponding to 0 to IOCC output current.
The resistance selected on the CBC pin programs a current mirror that is summed into the VS feedback divider
therefore increasing the output voltage as IOUT increases. There is an internal series resistance of 28 kΩ to the
CBC pin which sets a maximum cable compensation of a 5-V output to 400 mV when CBC is shorted to ground.
The CBC resistance value can be determined by the equation below.
where
VO is the output voltage,
VF is the diode forward voltage,
VOCBC is the target cable compensation voltage at the output terminals,
VCBC(max) is the maximum voltage at the cable compensation pin at the maximum converter output current (see
ELECTRICAL CHARACTERISTICS),
VVSR is the CV regulating level at the VS input (see ELECTRICAL CHARACTERISTICS).
(5)
NTC (NTC Thermistor Shut-down), Pin 1 UCC28701/2/3: These versions of the UCC28700 family utilize pin 1
for an external NTC thermistor to allow user-programmable external thermal shut-down. The shut-down threshold
is 0.95 V with an internal 105-µA current source which results in a 9.05-k
Ω thermistor shut-down threshold.
These controllers have either zero or fixed internal cable compensation.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC28700, UCC28701 UCC28702, UCC28703


Similar Part No. - UCC28700DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28700DBVR TI1-UCC28700DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28700DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com