Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3957M-3 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC3957M-3
Description  THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3957M-3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3957M-3 Datasheet HTML 3Page - Texas Instruments UCC3957M-3 Datasheet HTML 4Page - Texas Instruments UCC3957M-3 Datasheet HTML 5Page - Texas Instruments UCC3957M-3 Datasheet HTML 6Page - Texas Instruments UCC3957M-3 Datasheet HTML 7Page - Texas Instruments UCC3957M-3 Datasheet HTML 8Page - Texas Instruments UCC3957M-3 Datasheet HTML 9Page - Texas Instruments UCC3957M-3 Datasheet HTML 10Page - Texas Instruments UCC3957M-3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
UCC39571, UCC39572, UCC39573, UCC39574
SLUS236B – JANUARY 1999 – REVISED SEPTEMBER 2002
7
www.ti.com
APPLICATION INFORMATION
undervoltage protection
When any cell is found to be overdischarged (below the normal-to-undercharge threshold), the state machine
turns off both high-side FETs and enters the sleep mode, where current consumption drops to about 3.5
µA.
It remains in sleep mode until the application of a charger is sensed by the wakeup pin (WU) being raised above
VDD.
charging
Once a charger has been applied, the charge FET is turned on as long as the charge-enable input pin (CHGEN)
is pulled up to the DVDD pin. If the CHGEN input is left open (or connected to AN4), the charge FET remains
off.
During charge, the charge and discharge FETs cycle on and off while the device is in the sleep state
(undercharge mode), until the cell voltages are all above the undercharge-to-normal threshold. Once the cell
voltages are above this threshold, the device enters the normal state and the FETs remain on continuously.
While the device is charging and in undercharge mode, there is an approximate on time of 8 ms corresponding
to one sampling period, with a very short off time corresponding to undercharge-voltage detect and sleep-mode;
once WU is pulled back up to PACK(+), wake-up detect again occurs, and a new sampling period/charge cycle
is initiated.
open wire protection
The UCC3957 provides protection against broken-cell sense connections within the pack. If the sense
connection to one of the cells (pins AN1, AN2, or AN3) should become disconnected, weak internal-current
sources make the cells that are connected to that wire appear to be in overcharge and charging of the pack is
prevented.
overvoltage protection and the smart discharge feature
If any cell is charged to a voltage exceeding the normal-to-overcharge threshold, the charge FET is turned off,
preventing further charge current. Hysteresis keeps the charge FET off until the cell voltages have dropped
below the overcharge-to-normal threshold. In most protector designs, the charge FET is held off completely
within this voltage band. During this time, discharge current must be conducted through the body diode of the
charge FET. This forward voltage drop can be as high as 1 V, causing significant power dissipation in the charge
FET and wasting precious battery power.
The UCC3957 has a unique smart discharge feature that allows the charge FET to return to on mode (for
discharge only) while still in the overcharge hysteresis band. This greatly reduces power dissipation in the
charge FET. This is accomplished by sensing the voltage drop across the current-sense resistor. If this drop
exceeds 15 mV (corresponding to 0.6 A of discharge current using a .025
Ω sense resistor), the charge FET
is turned back on. This threshold assures that only discharge current is conducted. In an example using a
20-mW FET with a 1-V body diode drop and a 1-A load, the power dissipation in Q1 would be reduced from 1
W to 0.02 W.
NOTE: A similar technique is not used during charge (when the discharge MOSFET is off due to
cells being in undervoltage) because the charge current should be low while the cells are in
undervoltage.
Not Recommended for New Designs


Similar Part No. - UCC3957M-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957M-3 TI1-UCC3957M-3 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957M-3G4 TI1-UCC3957M-3G4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
More results

Similar Description - UCC3957M-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com