Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6213E Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6213E
Description  90% Efficiency Adjustable Output Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6213E Datasheet(HTML) 4 Page - Texas Instruments

  PT6213E Datasheet HTML 1Page - Texas Instruments PT6213E Datasheet HTML 2Page - Texas Instruments PT6213E Datasheet HTML 3Page - Texas Instruments PT6213E Datasheet HTML 4Page - Texas Instruments PT6213E Datasheet HTML 5Page - Texas Instruments PT6213E Datasheet HTML 6Page - Texas Instruments PT6213E Datasheet HTML 7Page - Texas Instruments PT6213E Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Application Notes continued
PT6100/6210/6300 Series
ISR ADJUSTMENT RESISTOR VALUES (Cont)
1Adc Rated
PT6101
PT6103
2Adc Rated
PT6212
PT6214
3Adc Rated
PT6302
PT6304
Vo (nom)
5.0
5.0
12.0
Va (req.d)
6.2
156.0k
94.7k
(207.0)k
6.4
134.0k
81.2k
(223.0)k
6.6
117.0k
71.0k
(241.0)k
6.8
104.0k
63.1k
(259.0)k
7.0
93.8k
56.8k
(279.0)k
7.2
85.2k
51.6k
(301.0)k
7.4
78.1k
47.3k
(325.0)k
7.6
72.1k
43.7k
(351.0)k
7.8
67.0k
40.6k
(379.0)k
8.0
62.5k
37.9k
(410.0)k
8.2
58.6k
35.5k
(444.0)k
8.4
55.1k
33.4k
(483.0)k
8.6
52.1k
(525.0)k
8.8
49.3k
(573.0)k
9.0
46.9k
(628.0)k
9.5
41.7k
(802.0)k
10.0
37.5k
(1060.0)k
10.5
34.1k
(1500.0)k
11.0
31.3k
11.5
12.0
12.5
608.0k
13.0
304.0k
13.5
203.0k
14.0
152.0k
14.5
122.0k
15.0
101.0k
15.5
86.8k
16.0
75.9k
16.5
67.5k
17.0
60.8k
17.5
55.2k
18.0
50.6k
18.5
46.7k
19.0
43.4k
19.5
40.5k
20.0
38.0k
20.5
35.7k
21.5
33.8k
21.5
32.0k
22.0
30.4k
ISR ADJUSTMENT RESISTOR VALUES
1Adc Rated
PT6102
PT6101
PT6103
2Adc Rated
PT6216
PT6213
PT6212
PT6214
3Adc Rated
PT6314
PT6303
PT6302
PT6304
Vo (nom)
1.5
3.3
5.0
5.0
12.0
Va (req.d)
1.3
(2.1k
Ω)
1.4
(12.4k
Ω)
1.5
1.6
103.0k
1.7
51.6k
1.8
34.4k
(24.4)k
1.9
25.8k
(30.9)k
(31.5)k
2.0
(38.4)k
(37.5)k
2.1
(47.1)k
(44.0)k
2.2
(57.4)k
(50.9)k
(30.8)k
2.3
(69.8)k
(58.3)k
(35.4)k
2.4
(85.0)k
(66.3)k
(40.2)k
2.5
(104.0)k
(75.0)k
(45.5)k
(32.0)k
2.6
(128.0)k
(84.4)k
(51.1)k
(34.9)k
2.7
(161.0)k
(94.6)k
(57.3)k
(37.9)k
2.8
(206.0)k
(106.0)k
(64.0)k
(40.9)k
2.9
(274.0k
(118.0)k
(71.4)k
(44.1)k
3.0
(388.0)k
(131.0)k
(79.5)k
(47.3)k
3.1
(615.0)k
(146.0)k
(88.5)k
(50.5)k
3.2
(1300.0)k
(163.0)k
(98.5)k
(53.8)k
3.3
(181.0)k
(110.0)k
(57.3)k
3.4
831.0k
(202.0)k
(122.0)k
(60.8)k
3.5
416.0k
(225.0)k
(136.0)k
(64.3)k
3.6
227.0k
(252.0)k
(153.0)k
(68.0)k
3.7
208.0k
(283.0)k
(171.0)k
(71.7)k
3.8
166.0k
(319.0)k
(193.0)k
(75.6)k
3.9
139.0k
(361.0)k
(219.0)k
(79.5)k
4.0
119.0k
(413.0)k
(250.0)k
(83.5)k
4.1
104.0k
(475.0)k
(288.0)k
(87.7)k
4.2
92.4k
(533.0)k
(335.0)k
(91.9)k
4.3
83.1k
(654.0)k
(396.0)k
(96.3)k
4.4
75.6k
(788.0)k
(477.0)k
(101.0)k
4.5
69.3k
(975.0)k
(591.0)k
(105.0)k
4.6
63.9k
(1260.0)k
(761.0)k
(110.0)k
4.7
59.4k
(1730.0)k
(1050.0)k
(115.0)k
4.8
55.4k
(1610.0)k
(120.0)k
4.9
52.0k
(125.0)k
5.0
48.9k
(130.0)k
5.1
46.2k
1880.0k
1140.0k
(136.0)k
5.2
43.8k
937.0k
568.0k
(141.0)k
5.3
41.6k
625.0k
379.0k
(147.0)k
5.4
39.6k
469.0k
284.0k
(153.0)k
5.5
37.8k
375.0k
227.0k
(159.0)k
5.6
36.1k
313.0k
189.0k
(165.0)k
5.7
34.6k
268.0k
162.0k
(172.0)k
5.8
33.3k
234.0k
142.0k
(178.0)k
5.9
32.0k
208.0k
126.0k
(185.0)k
6.0
30.8k
188.0k
114.0k
(192.0)k
Table 2
R1 = (Blue)
R2 = Black


Similar Part No. - PT6213E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6213 TI-PT6213 Datasheet
178Kb / 5P
[Old version datasheet]   2 Amp Adjustable Positive Step-down Integrated Switching Regulator
More results

Similar Description - PT6213E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
logo
STMicroelectronics
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
   Adjustable output voltage
July 2013 Rev 1
logo
Texas Instruments
PT6220 TI1-PT6220_13 Datasheet
527Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
PT6420 TI1-PT6420_14 Datasheet
533Kb / 6P
[Old version datasheet]   Adjustable Output Voltage
logo
Recom International Pow...
R-611.8X RECOM-R-611.8X Datasheet
91Kb / 4P
   Adjustable Output Voltage
logo
Texas Instruments
PT6670 TI1-PT6670_14 Datasheet
205Kb / 5P
[Old version datasheet]   Adjustable Output Voltage
logo
Sipex Corporation
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
logo
ON Semiconductor
NCP1529 ONSEMI-NCP1529_10 Datasheet
252Kb / 16P
   1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
September, 2010 ??Rev. 5
NCP1529ASNT1G ONSEMI-NCP1529ASNT1G Datasheet
252Kb / 16P
   1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
September, 2010 ??Rev. 5
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com