Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3706 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC3706
Description  Dual Output Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3706 Datasheet(HTML) 1 Page - Texas Instruments

  UC3706 Datasheet HTML 1Page - Texas Instruments UC3706 Datasheet HTML 2Page - Texas Instruments UC3706 Datasheet HTML 3Page - Texas Instruments UC3706 Datasheet HTML 4Page - Texas Instruments UC3706 Datasheet HTML 5Page - Texas Instruments UC3706 Datasheet HTML 6Page - Texas Instruments UC3706 Datasheet HTML 7Page - Texas Instruments UC3706 Datasheet HTML 8Page - Texas Instruments UC3706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UC1706
UC2706
UC3706
Dual Output Driver
FEATURES
Dual, 1.5A Totem Pole Outputs
40nsec Rise and Fall into 1000pF
Parallel or Push-Pull Operation
Single-Ended to Push-Pull Conversion
High-Speed, Power MOSFET
Compatible
Low Cross-Conduction Current Spike
Analog, Latched Shutdown
Internal Deadband Inhibit Circuit
Low Quiescent Current
5 to 40V Operation
Thermal Shutdown Protection
16-Pin Dual-In-Line Package
20-Pin Surface Mount Package
DESCRIPTION
The UC1706 family of output drivers are made with a high-speed
Schottky process to interface between low-level control functions and
high-power switching devices - particularly power MOSFET's. These de-
vices implement three generalized functions as outlined below.
First: They accept a single-ended, low-current digital input of either polar-
ity and process it to activate a pair of high-current, totem pole outputs
which can source or sink up to 1.5A each.
Second: They provide an optional single-ended to push-pull conversion
through the use of an internal flip-flop driven by double-pulse-
suppression logic. With the flip-flop disabled, the outputs work in parallel
for 3.0A capability.
Third: Protection functions are also included for pulse-by-pulse current
limiting, automatic deadband control, and thermal shutdown.
These devices are available in a two-watt plastic “bat-wing” DIP for op-
eration over a 0°C to 70°C temperature range and, with reduced power,
in a hermetically sealed cerdip for -55°C to +125°C operation. Also avail-
able in surface mount Q and L packages.
BLOCK DIAGRAM
INV
N.I
OUT
H
L
H
L
H
H
L
L
L
H
L
L
OUT = INV and N.I.
OUT = INV or N.I.
TRUTH TABLE
application
INFO
available
SLUS200A - OCTOBER 1998 - REVISED APRIL 2001


Similar Part No. - UC3706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3706 TI-UC3706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
UC3706 TI1-UC3706 Datasheet
756Kb / 11P
[Old version datasheet]   Dual Output Driver
UC3706DW TI1-UC3706DW Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC3706DW TI1-UC3706DW Datasheet
756Kb / 11P
[Old version datasheet]   Dual Output Driver
UC3706DWG4 TI1-UC3706DWG4 Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
More results

Similar Description - UC3706

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3706 CHERRY-CS3706 Datasheet
151Kb / 6P
   Dual Output Driver
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
   Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC3706N TI1-UC3706N Datasheet
212Kb / 8P
[Old version datasheet]   Dual Output Driver
UC1706 TI1-UC1706_15 Datasheet
756Kb / 11P
[Old version datasheet]   Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com