Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4828 Datasheet(PDF) 10 Page - Texas Instruments

Part # PT4828
Description  Over-Temperature Shutdown Under-Voltage Lockout
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4828 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT4828 Datasheet HTML 6Page - Texas Instruments PT4828 Datasheet HTML 7Page - Texas Instruments PT4828 Datasheet HTML 8Page - Texas Instruments PT4828 Datasheet HTML 9Page - Texas Instruments PT4828 Datasheet HTML 10Page - Texas Instruments PT4828 Datasheet HTML 11Page - Texas Instruments PT4828 Datasheet HTML 12Page - Texas Instruments PT4828 Datasheet HTML 13Page - Texas Instruments PT4828 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
10
SLTS165E - FEBRUARY 2002 - REVISED MARCH 2003
PT4824—48V
35-W Triple Output Isolated DC/DC
Converter for Logic Applications
Typical Characteristics
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
Output Load (%) represents the percent drawn from each output of the stated 100% load condition.
Note C:
SOA curves represent operating conditions at which the internal components are at or below the manufacturer’s maximum rated operating temperatures.
PT4824 Performance Characteristics
(See Notes A, B)
Power Dissipation vs Output Load
PT4824 Thermal Performance (See Note C)
(Io1 + Io2 + Io3 =12A, represents 100% Load)
Efficiency vs Output Power
(Io1 =8A, Io2 =2A, Io3 =2A represents 100% Load)
Output Ripple vs Output Power; Vin =48V
(Io1 =8A, Io2 =2A, Io3 =2A represents 100% Load)
Efficiency vs Output Power
(Io1 =4A, Io2 =4A, Io3 =4A represents 100% Load)
Output Ripple vs Output Power; Vin =48V
(Io1 =4A, Io2 =4A, Io3 =4A represents 100% Load)
50
60
70
80
90
100
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
50
60
70
80
90
100
0
2040
6080
100
Output Load (%)
36V
48V
75V
VIN
0
20
40
60
80
100
0
2040
6080
100
Output Load (%)
3.3V
1.8V
1.2V
VOUT
0
20
40
60
80
100
0
2040
6080
100
Output Load (%)
3.3V
1.8V
1.2V
VOUT
0
2
4
6
8
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
Safe Operating Area @Vin =48V
20
30
40
50
60
70
80
90
0%
20%
40%
60%
80%
100%
Output Load (%)
200LFM
120LFM
60LFM
Nat Conv
Airflow


Similar Part No. - PT4828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4828 TI-PT4828 Datasheet
764Kb / 32P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter for Logic Applications
PT4828C TI1-PT4828C Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
More results

Similar Description - PT4828

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD38501G-SH2-R UTC-UD38501G-SH2-R Datasheet
244Kb / 7P
   Input Under/Over Voltage Lockout
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
   Input Under/Over Voltage Lockout
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com