Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ43CA Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # SMBJ43CA
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMBJ43CA Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  SMBJ43CA Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMBJ43CA Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMBJ43CA Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMBJ43CA Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMBJ43CA Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMBJ43CA Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SMBJ43CA Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Transient Voltage Suppressors - SMBJ Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Type Number
Device Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage@IT
Test
Current
Maximum
Clamping
Voltage@IPP
Peak Pulse
Current
Reverse
Leakage
@VRWM
(UNI)
(BI)
UNI
BI
VRWM(V) VBR MIN.(V)VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
SMBJ3.3A
SMBJ3.3CA
KC
*
3.3
4.10
4.60
1
7.3
50.0
200
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.25
10
9.2
65.2
800
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.67
10
10.3
58.3
800
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
8.30
10
11.2
53.6
500
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.95
10
12.0
50.0
200
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.58
1
12.9
46.6
100
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
10.23
1
13.6
44.1
50
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.82
1
14.4
41.7
20
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.00
11.50
1
15.4
39.0
10
SMBJ10A
SMBJ10CA
KX
AX
10.0
11.10
12.80
1
17.0
35.3
5.0
SMBJ11A
SMBJ11CA
KZ
AZ
11.0
12.20
14.00
1
18.2
33.0
5.0
SMBJ12A
SMBJ12CA
LE
BE
12.0
13.30
15.30
1
19.9
30.2
5.0
SMBJ13A
SMBJ13CA
LG
BG
13.0
14.40
16.50
1
21.5
27.9
5.0
SMBJ14A
SMBJ14CA
LK
BK
14.0
15.60
17.90
1
23.2
25.8
5.0
SMBJ15A
SMBJ15CA
LM
BM
15.0
16.70
19.20
1
24.4
24.6
5.0
SMBJ16A
SMBJ16CA
LP
BP
16.0
17.80
20.50
1
26.0
23.1
5.0
SMBJ17A
SMBJ17CA
LR
BR
17.0
18.90
21.70
1
27.6
21.7
5.0
SMBJ18A
SMBJ18CA
LT
BT
18.0
20.00
23.30
1
29.2
20.5
5.0
SMBJ20A
SMBJ20CA
LV
BV
20.0
22.20
25.50
1
32.4
18.5
5.0
SMBJ22A
SMBJ22CA
LX
BX
22.0
24.40
28.00
1
35.5
16.9
5.0
SMBJ24A
SMBJ24CA
LZ
BZ
24.0
26.70
30.70
1
38.9
15.2
5.0
SMBJ26A
SMBJ26CA
ME
CE
26.0
28.90
33.20
1
42.1
14.2
5.0
SMBJ28A
SMBJ28CA
MG
CG
28.0
31.10
35.80
1
45.4
13.2
5.0
SMBJ30A
SMBJ30CA
MK
CK
30.0
33.30
38.30
1
48.4
12.4
5.0
SMBJ33A
SMBJ33CA
MM
CM
33.0
36.70
42.20
1
53.3
11.3
5.0
SMBJ36A
SMBJ36CA
MP
CP
36.0
40.00
46.00
1
58.1
10.3
5.0
SMBJ40A
SMBJ40CA
MR
CR
40.0
44.40
51.10
1
64.5
9.3
5.0
SMBJ43A
SMBJ43CA
MT
CT
43.0
47.80
54.90
1
69.4
8.6
5.0
SMBJ45A
SMBJ45CA
MV
CV
45.0
50.00
57.50
1
72.7
8.3
5.0
SMBJ48A
SMBJ48CA
MX
CX
48.0
53.30
61.30
1
77.4
7.7
5.0
SMBJ51A
SMBJ51CA
MZ
CZ
51.0
56.70
65.20
1
82.4
7.3
5.0
SMBJ54A
SMBJ54CA
NE
DE
54.0
60.00
69.00
1
87.1
6.9
5.0
SMBJ58A
SMBJ58CA
NG
DG
58.0
64.40
74.10
1
93.6
6.4
5.0
SMBJ60A
SMBJ60CA
NK
DK
60.0
66.70
76.70
1
96.8
6.2
5.0
SMBJ64A
SMBJ64CA
NM
DM
64.0
71.10
81.80
1
103.0
5.8
5.0
SMBJ70A
SMBJ70CA
NP
DP
70.0
77.80
89.50
1
113.0
5.3
5.0
SMBJ75A
SMBJ75CA
NR
DR
75.0
83.30
95.80
1
121.0
4.9
5.0
SMBJ78A
SMBJ78CA
NT
DT
78.0
86.70
99.70
1
126.0
4.7
5.0
SMBJ85A
SMBJ85CA
NV
DV
85.0
94.40
108.20
1
137.0
4.4
5.0
SMBJ90A
SMBJ90CA
NX
DX
90.0
100.00
115.50
1
146.0
4.1
5.0
SMBJ100A
SMBJ100CA
NZ
DZ
100.0
111.00
128.00
1
162.0
3.7
5.0
SMBJ110A
SMBJ110CA
PE
EE
110.0
122.00
140.50
1
177.0
3.4
5.0
SMBJ120A
SMBJ120CA
PG
EG
120.0
133.00
153.00
1
193.0
3.1
5.0
SMBJ130A
SMBJ130CA
PK
EK
130.0
144.00
165.50
1
209.0
2.9
5.0
SMBJ150A
SMBJ150CA
PM
EM
150.0
167.00
192.60
1
243.0
2.5
5.0
SMBJ160A
SMBJ160CA
PP
EP
160.0
178.00
197.00
1
259.0
2.3
5.0
SMBJ170A
SMBJ170CA
PR
ER
170.0
189.00
209.00
1
275.0
2.2
5.0
SMBJ180A
SMBJ180CA
PT
ET
180.0
201.00
222.00
1
292.0
2.1
5.0
SMBJ190A
SMBJ190CA
PV
EV
190.0
209.00
243.20
1
308.0
2.0
5.0
SMBJ200A
SMBJ200CA
PX
EX
200.0
220.00
247.00
1
324.0
1.9
5.0
SMBJ210A
SMBJ210CA
PZ
EZ
210.0
231.00
268.80
1
340.0
1.8
5.0
SMBJ220A
SMBJ220CA
QE
FE
220.0
242.00
281.60
1
356.0
1.7
5.0
SMBJ250A
SMBJ250CA
QG
FG
250.0
279.00
309.00
1
405.0
1.5
5.0
SMBJ300A
SMBJ300CA
QK
FK
300.0
335.00
371.00
1
486.0
1.3
5.0


Similar Part No. - SMBJ43CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ43CA LUGUANG-SMBJ43CA Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Bytes
SMBJ43CA BYTES-SMBJ43CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
SMBJ43CA MDE-SMBJ43CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Suntan Capacitors
SMBJ43CA SUNTAN-SMBJ43CA Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ43CA LUGUANG-SMBJ43CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ43CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com