Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4827 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4827
Description  Over-Temperature Shutdown Under-Voltage Lockout
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4827 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT4827 Datasheet HTML 2Page - Texas Instruments PT4827 Datasheet HTML 3Page - Texas Instruments PT4827 Datasheet HTML 4Page - Texas Instruments PT4827 Datasheet HTML 5Page - Texas Instruments PT4827 Datasheet HTML 6Page - Texas Instruments PT4827 Datasheet HTML 7Page - Texas Instruments PT4827 Datasheet HTML 8Page - Texas Instruments PT4827 Datasheet HTML 9Page - Texas Instruments PT4827 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
6
SLTS165E - FEBRUARY 2002 - REVISED MARCH 2003
PT4822—48V
35-W Triple Output Isolated DC/DC
Converter for Logic Applications
PT4822 Performance Characteristics
(See Note A, B)
Typical Characteristics
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
Output Load (%) represents the percent drawn from each output of the stated 100% load condition.
Note C:
SOA curves represent operating conditions at which the internal components are at or below the manufacturer’s maximum rated operating temperatures.
PT4822 Thermal Performance (See Note C)
(Io1 + Io2 + Io3 =12A, represents 100% Load)
50
60
70
80
90
100
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
0
20
40
60
80
100
0
2040
6080
100
Output Load (%)
3.3V
1.8V
1.5V
VOUT
0
20
40
60
80
100
0
2040
6080
100
Output Load (%)
3.3V
1.8V
1.5V
VOUT
Efficiency vs Output Power
(Io1 =8A, Io2 =2A, Io3 =2A represents 100% Load)
Output Ripple vs Output Power; Vin =48V
(Io1 =8A, Io2 =2A, Io3 =2A represents 100% Load)
Efficiency vs Output Power
(Io1 =4A, Io2 =4A, Io3 =4A represents 100% Load)
Output Ripple vs Output Power; Vin =48V
(Io1 =4A, Io2 =4A, Io3 =4A represents 100% Load)
50
60
70
80
90
100
0
20406080
100
Output Load (%)
36V
48V
75V
VIN
0
2
4
6
8
0
20
406080
100
Output Load (%)
75V
48V
36V
VIN
Power Dissipation vs Output Load
20
30
40
50
60
70
80
90
0%
20%
40%
60%
80%
100%
Output Load (%)
200LFM
120LFM
60LFM
Nat Conv
Airflow
Safe Operating Area @Vin =48V


Similar Part No. - PT4827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4827 TI-PT4827 Datasheet
764Kb / 32P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter for Logic Applications
logo
P-tec Corporation
PT482743A-TLMWD-EH09 P-TEC-PT482743A-TLMWD-EH09 Datasheet
1Mb / 29P
   4.3 TFT LCD, High Brightness
PT482743A-TLMWD-EH13 P-TEC-PT482743A-TLMWD-EH13 Datasheet
1Mb / 30P
   4.3 TFT LCD, High Brightness
PT482743A-TLMWD-EM10 P-TEC-PT482743A-TLMWD-EM10 Datasheet
2Mb / 29P
   4.3 TFT LCD, Medium Bright
PT482743A-TLMWD-EM12 P-TEC-PT482743A-TLMWD-EM12 Datasheet
2Mb / 31P
   4.3 TFT LCD, Medium Bright
More results

Similar Description - PT4827

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD38501G-SH2-R UTC-UD38501G-SH2-R Datasheet
244Kb / 7P
   Input Under/Over Voltage Lockout
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
   Input Under/Over Voltage Lockout
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com