Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83630SQE Datasheet(PDF) 9 Page - Texas Instruments

Part # DP83630SQE
Description  DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83630SQE Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP83630SQE Datasheet HTML 5Page - Texas Instruments DP83630SQE Datasheet HTML 6Page - Texas Instruments DP83630SQE Datasheet HTML 7Page - Texas Instruments DP83630SQE Datasheet HTML 8Page - Texas Instruments DP83630SQE Datasheet HTML 9Page - Texas Instruments DP83630SQE Datasheet HTML 10Page - Texas Instruments DP83630SQE Datasheet HTML 11Page - Texas Instruments DP83630SQE Datasheet HTML 12Page - Texas Instruments DP83630SQE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 135 page
background image
DP83630
www.ti.com
SNLS335B – OCTOBER 2010 – REVISED APRIL 2013
The device supports up to 8 trigger signals which can be output on any of the GPIO signal pins. Multiple
triggers may be assigned to a single GPIO, allowing generation of more complex waveforms (i.e. a
sequence of varying width pulses). The trigger signals are OR’ed together to form a combined signal.
The triggers are configured through the PTP Trigger Configuration Registers. The trigger time and width
settings are controlled through the PTP Control and Time Data registers.
The DP83630 can be programmed to output a Pulse-Per-Second (PPS) signal using the trigger functions.
2.3.3.2
IEEE 1588 Event Timestamping
The DP83630 can be programmed to timestamp an event by monitoring an input signal. The event can be
monitored for rising edge, falling edge, or either. The Event Timestamp Unit can monitor up to eight events
which can be set to any of the GPIO signal pins. PTP event timestamps are stored in a queue which
allows storage of up to eight timestamps.
When an event timestamp is available, the device will set the EVENT_RDY bit in the PTP Status Register.
The PTP Event Status Register (PTP_ESTS) provides detailed information on the next available event
timestamp, including information on the event number, rise/fall direction, and indication of events missed
due to overflow of the devices Event queue.
Event timestamp values should be adjusted by 35 ns (3 times period of the IEEE 1588 reference clock
frequency of 125 MHz + 11 ns) to compensate for input path and synchronization delays.
The Event Timestamp Unit is configured through the PTP Event Configuration Register (PTP_EVNT).
2.3.4
PTP INTERRUPTS
The PTP module may interrupt the system using the PWRDOWN/INTN pin on the device, shared with
other interrupts from the PHY. As an alternative, the device may be programmed to use a GPIO pin to
generate PTP interrupts separate from other PHY interrupts.
2.3.5
GPIO
The DP83630 features 12 IEEE 1588 GPIO pins. These GPIO pins allow for event monitoring, triggering,
interrupts, and a clock output. The LED pins comprise 3 of the 12 GPIO pins. If an LED pin is to be used
as a GPIO, its LED function must be disabled prior to configuring the GPIO function.
Copyright © 2010–2013, Texas Instruments Incorporated
Device Information
9
Submit Documentation Feedback
Product Folder Links: DP83630


Similar Part No. - DP83630SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83630 TI1-DP83630 Datasheet
1Mb / 128P
[Old version datasheet]   DP83630 Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
More results

Similar Description - DP83630SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83630 TI1-DP83630 Datasheet
1Mb / 128P
[Old version datasheet]   DP83630 Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640 Datasheet
2Mb / 114P
   Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83640TVV TI1-DP83640TVV Datasheet
1Mb / 136P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVVX TI1-DP83640TVVX Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640 TI1-DP83640_14 Datasheet
1Mb / 129P
[Old version datasheet]   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640_08 Datasheet
2Mb / 124P
   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Micrel Semiconductor
KSZ8463ML MICREL-KSZ8463ML Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol-Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8463RL MICREL-KSZ8463RL Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol- Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8462HL MICREL-KSZ8462HL Datasheet
3Mb / 279P
   IEEE 1588 Precision Time Protocol-Enabled Two-Port 10/100Mb/s Ethernet Switch with 8 or 16 Bit Host Interface
logo
Renesas Technology Corp
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com