Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA2B2X7R1H152K Datasheet(PDF) 3 Page - TDK Electronics

Part # CGA2B2X7R1H152K
Description  Multilayer Ceramic Chip Capacitors For automobile(General use)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2B2X7R1H152K Datasheet(HTML) 3 Page - TDK Electronics

  CGA2B2X7R1H152K Datasheet HTML 1Page - TDK Electronics CGA2B2X7R1H152K Datasheet HTML 2Page - TDK Electronics CGA2B2X7R1H152K Datasheet HTML 3Page - TDK Electronics CGA2B2X7R1H152K Datasheet HTML 4Page - TDK Electronics CGA2B2X7R1H152K Datasheet HTML 5Page - TDK Electronics CGA2B2X7R1H152K Datasheet HTML 6Page - TDK Electronics CGA2B2X7R1H152K Datasheet HTML 7Page - TDK Electronics CGA2B2X7R1H152K Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(2/7)
002-02 / 20110831 / e412_cga.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
Multilayer Ceramic Chip Capacitors
For Automobile(General Use)
CGA Series
FEATURES
• An electrostatic capacity has been obtained that reaches the
electrolytic capacitor range through precision technology that
enables the use of multiple thinner ceramic dielectric layers.
• Since these capacitors are composed of only ceramics and
metals and have a monolithic structure, they offer a long service
life and high reliability.
• Small parasitic inductance and excellent frequency
characteristics allows for circuit design that closely conforms to
theoretical values.
• Low self-heating and high ripple resistance due to low ESR.
APPLICATION EXAMPLES
• Decoupling and smoothing circuits of various on-board units
• Time constant, resonance and coupling circuits (Products with
CH or C0G temperature characteristics are recommended.)
SHAPES AND DIMENSIONS
DIMENSIONS
The dimensions of each product are described within the product
name.
Dimensions L
×W
The fourth digit number in the product name corresponds to the
dimensions of L
×W.
Refer to the table below for specific values.
Dimensions in mm
• Dimension tolerances are typical values.
Product's Thickness T
The value in parentheses at the end of the product name
corresponds to thickness T.
Refer to the table of "CAPACITANCE RANGES" for specific values.
Conformity to RoHS Directive
Dimension code
L
W
B
2
1.0±0.05
0.5±0.05
0.1min.
3
1.6±0.1
0.8±0.1
0.2min.
4
2.0±0.2
1.25±0.2
0.2min.
5
3.2±0.2
1.6±0.2
0.2min.
6
3.2±0.4
2.5±0.3
0.2min.
B
L


Similar Part No. - CGA2B2X7R1H152K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2X7R1H152K TDK-CGA2B2X7R1H152K Datasheet
1Mb / 36P
   Automotive Grade Capacitors
CGA2B2X7R1H152K050BA TDK-CGA2B2X7R1H152K050BA Datasheet
139Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2X7R1H152K050BA TDK-CGA2B2X7R1H152K050BA Datasheet
878Kb / 23P
   MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA2B2X7R1H152K050BA TDK-CGA2B2X7R1H152K050BA_17 Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA2B2X7R1H152K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
Murata Manufacturing Co...
GRM31CC80J226KE19 MURATA-GRM31CC80J226KE19 Datasheet
781Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM31CR61E106KE83 MURATA-GRM31CR61E106KE83 Datasheet
780Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM022B11A221KA01 MURATA-GRM022B11A221KA01 Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM022B31A152KE19 MURATA-GRM022B31A152KE19 Datasheet
777Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com