Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4822A Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4822A
Description  Over-Temperature Shutdown Under-Voltage Lockout
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4822A Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT4822A Datasheet HTML 3Page - Texas Instruments PT4822A Datasheet HTML 4Page - Texas Instruments PT4822A Datasheet HTML 5Page - Texas Instruments PT4822A Datasheet HTML 6Page - Texas Instruments PT4822A Datasheet HTML 7Page - Texas Instruments PT4822A Datasheet HTML 8Page - Texas Instruments PT4822A Datasheet HTML 9Page - Texas Instruments PT4822A Datasheet HTML 10Page - Texas Instruments PT4822A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
7
SLTS165E - FEBRUARY 2002 - REVISED MARCH 2003
PT4823—48V
35-W Triple Output Isolated DC/DC
Converter for Logic Applications
PT4823 Electrical Specifications
(Unless otherwise stated, the operating conditions are: Ta =25°C, Vin =48V, and Io =0.5Iomax)
PT4823
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Each output
Io1 (3.3V)
0.25 (1)
—8
(2)
Io2 (2.5V)
0.1 (1)
—6
(2)
A
Io3 (1.2V)
0.1 (1)
—6
(2)
Total (Io1 + Io2 + Io3)
——12 (2)
A
Input Voltage Range
Vin
Continuous
36
75
V
Surge (1 minute)
80
Set-Point Voltage
Vo
Vo1
3.24
3.3
3.36
Vo2
2.45
2.5
2.55
V
Vo3
1.17
1.2
1.23
Temperature Variation
Regtemp
–40°C
≤Ta ≤+85°C, Io =Iomin
Vo1
±0.5
%Vo
Vo2/Vo3
±0.5
Line Regulation
Regline
All outputs, Over Vin range
±0.1
±0.5
%Vo
Load Regulation
Regload
All outputs, 0
≤Io≤Iomax
±0.1
±0.5
%Vo
Total Output Voltage Variation
∆Votol
Includes set-point, line, load,
Vo1
±3 (3)
%Vo
–40°C
≤Ta ≤+85°C
Vo2/Vo3
±3 (3)
Efficiency
η
Io1 =6A, Io2 =2A, Io3 =2A
85.6
%
Vo Ripple/Noise
Vn
Vo1
—35
(0 to 20MHz bandwidth)
Vo2
—25
mVpp
Vo3
—25
Transient Response
ttr
0.1A/µs load step, 50% to 75% Iomax
200
µSec
Vos
Vo over/undershoot
3
%Vo
Output Adjust Range
Voadj
Vo1/Vo2/Vo3
±10
%Vo
Over-Current Threshold
ITRIP
Total, all outputs. Reset with auto-recovery
14
A
Switching Frequency
ƒs
Over Vin and Io ranges
350
400
450
kHz
Under Voltage Lockout
Von
Vin increasing
35.5
V
Voff
Vin decreasing
34
Turn-On Time
ton
Vin =48V step
140 (4)
—ms
Enable Control (pins 1 & 2)
Referenced to –Vin (pin 4)
High-Level Input Voltage
VIH
4
15 (5)
V
Low-Level Input Voltage
VIL
–0.2
0.8
Low-Level Input Current
IIL
12mA
Standby Input Current
Iin standby
pins 1 & 2 open circuit
1
5
mA
Internal Input Capacitance
Cint
1.14
µF
External Output Capacitance
Co1
0
220
1,000 (6)
Co2
0
220
1,000 (6)
µF
Co3
0
220
1,000 (6)
Primary/Secondary Isolation
V iso
1500
V
C iso
2,200
pF
R iso
10
——M
Notes: (1) The converter will operate down to no load with reduced specifications.
(2) The sum-total current from outputs Vo1, Vo2, and Vo3 cannot exceed 12ADC.
(3) Limits are specified by design.
(4) Measured from the application of the input voltage to the instance that all outputs are in regulation.
(5) The Enable inputs (pins 1 & 2) have internal pull-ups. Leaving pin 1 open-circuit and connecting pin 2 to –Vin allows the the converter to operate when
input power is applied. The maximum open-circuit voltage is 4V.
(6) Ultra-low ESR capacitors, such as organic or polymer aluminum electrolytic types, may cause instability. Consult the factory before using.


Similar Part No. - PT4822A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4822 TI-PT4822 Datasheet
764Kb / 32P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter for Logic Applications
More results

Similar Description - PT4822A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD38501G-SH2-R UTC-UD38501G-SH2-R Datasheet
244Kb / 7P
   Input Under/Over Voltage Lockout
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
   Input Under/Over Voltage Lockout
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com