Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFJ58A Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # SMFJ58A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMFJ58A Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  SMFJ58A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMFJ58A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMFJ58A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMFJ58A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMFJ58A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMFJ58A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SMFJ58A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - SMFJ Series
Features
Mechanical Characteristics
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation at TA=25°C by 10x1000μs test
waveform (Fig.1)(Note 1),(Note 2)
PPPM
300
Watts
Power Dissipation on inifinite heat sink at TA=50°C
P
D
2
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave(Note 3)
IFSM
20
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional only (Note 4)
V
F
3.5/6.5
V
Operating junction and Storage Temperature Range.
TJ,TSTG
-55°C to 150°C
°C
Typical Thermal Resistance Junction to Lead
RuJL
30
°C/W
Typical Thermal Resistance Junction
to Ambient
RuJA
120
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum.
3. VF<3.5V for devices of VBR _< 200V and VF<5.0V for devices of VBR _> 201V.
1. For surface mounted applications
2. Low-profile package
3. Optimized for LAN protection applications
4. Ideal for ESD protection of data lines in accordance with IEC 1000-4-2
(IEC801-2)
5. Ideal for EFT protection of data lines in
6. accordance with IEC 1000-4-4 (IEC801-4)
7. Low incremental surge resistance
8. IEC 1000-4-2 (ESD) 15 kV (air) 8 kV (contact)
IEC 1000-4-4 (EFT) 40 A (tp = 5/ 50 ns)
IEC 1000-4-5 (Lightning) 24 A (tp = 8/ 20 μs
9. Low incremental surge resistance, excellent clamping capability
10. 200W peak pulse power capability with a 10/1000μ swaveform,repetition
rate (duty cycle): 0.01%•
11. Very fast response time
12. High temperature soldering guaranteed: 260°C/ 10 seconds at terminals
TVS devices are ideal for the protection of I/O interfaces,VCC bus and other vulnerable circuits used in telecom, computer,
industrial and consumer electronic applications.
UNI
BI
UNI
BI
Anode
Cathode
Applications


Similar Part No. - SMFJ58A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMFJ3.0A SUNMATE-SMFJ3.0A Datasheet
731Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMFJ58A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com