Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80WP0018 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 80WP0018
Description  Contact selector guide
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80WP0018 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  80WP0018 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80WP0018 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80WP0018 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80WP0018 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80WP0018 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80WP0018 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80WP0018 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80WP0018 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
48
UTS Series
Ordering information
POF Contacts (Plastic Optical Fibre)
Male contact
RMPOF1000
Female contact
RCPOF1000B
PCF Contacts (Plastic Clad Fibre)
Male contact
RMPCF230
Female contact
RCPCF230B
Silica Contacts - Multimode
Male contact
RMMMOFA
Female contact
RCMMOFA
Silica Contacts - Monomode
Male contact
RMSMOFA
Female contact
RCSMOFA
POF Contact (Plastic Optical Fibre)
Part numbers
Descriptions
80WD0005
Stripping tool
80WD0025
Automatic stripping tool for Ø 0.5 mm, 0.6
mm, 0.7 mm & 3.8 mm
80WM0006
Ruler
80WP0005
Polishing plate
80WP0013
Non slip base (to hold the polishing plate)
80WP0014
Polishing disk (grain size 9µm)
80WP0018
Polishing tool
80WP0019
Polishing disk (grain size 30µm)
80WS0002
Crimping plier
STANDARD TOOLING KIT - P/N 80MS0004
The
standard tooling kit is made of the part numbers below
that can be ordered separately as well.
Part numbers
Descriptions
80WG0010
Needle
80WG0015
Capsule
80WG0016
Syringe
80WN0005
Dry air spray
80WN0006
Optical paper
80WN0012
Dropping bottle
80WN0008
Wiping solvent
SPECIFIC TOOLING LIST - can be ordered only separately
PCF Contact (Plastic Clad Fibre)
STANDARD TOOLING KIT - P/N 80MG0039
Descriptions
Stripping tool for Ø 2.2 mm
Kevlar scissors
Stripping tool for Ø 0.25 mm
Alumina blade
Polishing tool
Press fit tool
Microscope
Descriptions
Polishing disk (grain size 9µm)
Polishing disk (grain size 0.3µm)
Curing oven
Polishing plate
Non slip base (to hold the polishing plate)
Glue
Fibre optic contacts


Similar Part No. - 80WP0018

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
80W-12A DBLECTRO-80W-12A Datasheet
1Mb / 2P
   80W 60Amp Series
80W-4A DBLECTRO-80W-4A Datasheet
4Mb / 2P
   80W 25Amp Series
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
More results

Similar Description - 80WP0018

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com