Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3583 Datasheet(PDF) 4 Page - Boca Semiconductor Corporation

Part # 2N3583
Description  COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

2N3583 Datasheet(HTML) 4 Page - Boca Semiconductor Corporation

  2N3583 Datasheet HTML 1Page - Boca Semiconductor Corporation 2N3583 Datasheet HTML 2Page - Boca Semiconductor Corporation 2N3583 Datasheet HTML 3Page - Boca Semiconductor Corporation 2N3583 Datasheet HTML 4Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
http://www.bocasemi.com


Similar Part No. - 2N3583

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3583 MOSPEC-2N3583 Datasheet
217Kb / 4P
   POWER TRANSISTORS(35W)
logo
List of Unclassifed Man...
2N3583 ETC1-2N3583 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
Microsemi Corporation
2N3583 MICROSEMI-2N3583 Datasheet
63Kb / 3P
   5 Amp, 250V, High Voltage NPN Silicon Power Transistors
logo
Central Semiconductor C...
2N3583 CENTRAL-2N3583 Datasheet
51Kb / 1P
   Power Transistors
logo
Comset Semiconductor
2N3583 COMSET-2N3583 Datasheet
166Kb / 3P
   NPN SILICON POWER TRANSISTORS.
More results

Similar Description - 2N3583

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE38 NTE-NTE38 Datasheet
29Kb / 3P
   Silicon Complementary Transistors High Voltage, Medium Power Switch
logo
Zetex Semiconductors
ZDT6757 ZETEX-ZDT6757 Datasheet
28Kb / 3P
   COMPLEMENTARY MEDIUM POWER TRANSISTORS
ZDT6753 ZETEX-ZDT6753 Datasheet
32Kb / 3P
   COMPLEMENTARY MEDIUM POWER TRANSISTORS
ZDT6718 ZETEX-ZDT6718 Datasheet
30Kb / 3P
   COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT6790 ZETEX-ZDT6790 Datasheet
29Kb / 3P
   COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Boca Semiconductor Corp...
2N6315 BOCA-2N6315 Datasheet
172Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Comset Semiconductor
MJ4030 COMSET-MJ4030_12 Datasheet
79Kb / 3P
   MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
MJ4030 COMSET-MJ4030 Datasheet
220Kb / 4P
   MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4231A NJSEMI-2N4231A Datasheet
95Kb / 2P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N4231A BOCA-2N4231A Datasheet
196Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com