Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3302-34 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3302-34
Description  28 AWG wire on .050 inch centers permits mass termination to a broad line of IDC connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3302-34 Datasheet(HTML) 2 Page - 3M Electronics

  3302-34 Datasheet HTML 1Page - 3M Electronics 3302-34 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.050
″ Color Coded Flat Cable
28 AWG Stranded, PVC
3302 Series
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
09
3302/09
0.450
± .015 [ 11.43 ]
0.400
± .010 [ 10.18 ]
10
3302/10
0.500
± .015 [ 12.70 ]
0.450
± .010 [ 11.43 ]
14
3302/14
0.700
± .015 [ 17.78 ]
0.650
± .010 [ 16.51 ]
15
3302/15
0.750
± .015 [ 19.05 ]
0.700
± .010 [ 17.78 ]
16
3302/16
0.800
± .020 [ 20.32 ]
0.750
± .015 [ 19.05 ]
18
3302/18
0.900
± .020 [ 22.86 ]
0.850
± .015 [ 21.59 ]
20
3302/20
1.000
± .020 [ 25.40 ]
0.950
± .015 [ 24.13 ]
24
3302/24
1.200
± .020 [ 30.48 ]
1.150
± .015 [ 29.21 ]
25
3302/25
1.250
± .020 [ 31.75 ]
1.200
± .015 [ 30.48 ]
26
3302/26
1.300
± .020 [ 33.02 ]
1.250
± .015 [ 31.75 ]
30
3302/30
1.500
± .025 [ 38.10 ]
1.450
± .020 [ 36.83 ]
34
3302/34
1.700
± .025 [ 43.18 ]
1.650
± .020 [ 41.91 ]
36
3302/36
1.800
± .025 [ 45.72 ]
1.750
± .020 [ 44.45 ]
37
3302/37
1.850
± .025 [ 46.99 ]
1.800
± .020 [ 45.72 ]
40
3302/40
2.000
± .025 [ 50.80 ]
1.950
± .020 [ 49.53 ]
50
3302/50
2.500
± .025 [ 63.50 ]
2.450
± .020 [ 62.23 ]
60
3302/60
3.000
± .025 [ 76.20 ]
2.950
± .020 [ 74.93 ]
64
3302/64
3.200
± .025 [ 81.28 ]
3.150
± .020 [ 80.01 ]
B
A
.042
± .003
[ 1.07 ]
.050 Typ
[ 1.27 ]
TS-0123-10
Sheet 2 of 2
*10 Color Repeat
Brown
Red
Orange
Yellow
Green
Blue
Violet
Gray
White
Black
Brown* PVC
Insulation
Clear PVC
Carrier
28 AWG 7 X 36 [ 7 X 0.127 ] Tinned
Stranged Copper Conductors
Ordering Information
3302/XX
Note: Available in standard lengths of 100 feet or 300 feet per roll, please specify when ordering.
Number of Conductors
(See Table)
Blank = Standard
C = Canadian Certified
Version
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
®
®
(OPTIONAL)


Similar Part No. - 3302-34

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3302 VMI-3302 Datasheet
245Kb / 2P
   200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Pomona Electronics
3302 POMONA-3302 Datasheet
28Kb / 1P
   Shielded Aluminum Box, Size F With BNC Females Both Ends
logo
3M Electronics
3302 3M-3302 Datasheet
1Mb / 5P
   3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
logo
Bourns Electronic Solut...
3302 BOURNS-3302 Datasheet
186Kb / 1P
   2 mm SMD Trimpot짰 Trimming Potentiometer
3302 BOURNS-3302 Datasheet
146Kb / 2P
   Trimmer
More results

Similar Description - 3302-34

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTD-A-XX-X-2 ADAM-TECH-MTD-A-XX-X-2 Datasheet
83Kb / 1P
   IDC MASS TERMINATION HOUSING
MTD-B-XX-X-2 ADAM-TECH-MTD-B-XX-X-2 Datasheet
85Kb / 1P
   IDC MASS TERMINATION HOUSING
MTD-A-XX-X-1 ADAM-TECH-MTD-A-XX-X-1 Datasheet
76Kb / 1P
   IDC MASS TERMINATION HOUSING
MTD-BC-XX ADAM-TECH-MTD-BC-XX Datasheet
63Kb / 1P
   IDC MASS TERMINATION HOUSING
MTD-B-XX-X-1 ADAM-TECH-MTD-B-XX-X-1 Datasheet
81Kb / 1P
   IDC MASS TERMINATION HOUSING
logo
3M Electronics
1700-10 3M-1700-10 Datasheet
1Mb / 5P
   .050" 28 AWG Stranded, Mass Terminatable Pair, PVC
logo
AVX Corporation
9175-700 AVX-9175-700 Datasheet
255Kb / 6P
   Capped IDC 26-28 AWG: WTB
logo
Tyco Electronics
408-4260 MACOM-408-4260 Datasheet
155Kb / 7P
   Mass Termination Assembly
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
   Mass Termination Assembly
logo
3M Electronics
3659 3M-3659_1 Datasheet
1Mb / 5P
   3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com