Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC30 Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # SAC30
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SAC30 Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  SAC30 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SAC30 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SAC30 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SAC30 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SAC30 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SAC30 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SAC30 Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - SAC Series
Features
Mechanical Characteristics
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation by 10x1000μs test waveform
(Fig.1)(Note 1)
PPPM
500
Watts
Steady State Power Dissipation on
inifinite heat sink at TL=75°C (Fig. 5)
P
D
3
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
Unidirectional only (Note 2)
IFSM
70
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional only (Note 3)
V
F
3.5/5.0
V
Operating junction and Storage Temperature Range.
TJ,TSTG
-55°C to 175°C
°C
Typical Thermal Resistance Junction to Lead
RuJL
20
°C/W
Typical Thermal Resistance Junction
to Ambient
RuJA
75
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum.
3. VF<3.5V for devices of VBR < 200V and VF<5.0V for devices of VBR > 201V.
1. Halogen-free
2. Rohs compliant
3. Typical maximum temperature coefficient
4. ΔVBR =0.1%xVBR@25°C x ΔT
5. Glass passivated Chip junction in DO-15 package
6. 800W peak pulse capadility at 10x1000μs waveform,repetition rate (duty
cycles):0.01%
7. Fast response time:typically less than 1.0ps from 0 Volts to BV min
8. Excellent clamping capability
9. Low incremental surge resistance
10. Typical IR less than 5μA above 11V
11. High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,
\(9.5mm) lead length, 5lbs., (2.3kg)tension
12. Plastic package has underwriters laboratory flammability classification
94v-0
TVS devices are ideal for the protection of I/O interfaces,VCC bus and other vulnerable circuits used in telecom, computer,
industrial and consumer electronic applications.
UNI
Applications
UNI
Anode
Cathode


Similar Part No. - SAC30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC30 EIC-SAC30 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC30 MERITEK-SAC30 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
SAC30 NJSEMI-SAC30 Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
SAC30 WEITRON-SAC30 Datasheet
101Kb / 3P
   Low Capacitance Tranient Voltage Suppressor
logo
Micro Commercial Compon...
SAC30 MCC-SAC30 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com