Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP16A Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # 5KP16A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

5KP16A Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  5KP16A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 5KP16A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 5KP16A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 5KP16A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 5KP16A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 5KP16A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 5KP16A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - 5KP Series
Features
Mechanical Characteristics
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation by 10x1000μs test waveform
(Fig.1)(Note 1)
P
PPM
5000
Watts
Steady State Power Dissipation on
inifinite heat sink at TL=75°C (Fig. 5)
P
D
8
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
Unidirectional only (Note 2)
IFSM
400
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional only (Note 3)
V
F
3.5/5.0
V
Operating junction and Storage Temperature Range.
T
J,TSTG
-55°C to 175°C
°C
Typical Thermal Resistance Junction to Lead
R
uJL
8.0
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
40
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum.
3. VF<3.5V for devices of VBR _< 200V and VF<5.0V for devices of VBR _> 201V.
1. Halogen-free
2. Rohs compliant
3. Typical maximum temperature coefficient
4. ΔVBR =0.1%xVBR@25°C x ΔT
5. Glass passivated Chip junction in P800 package
6. 5000W peak pulse capadility at 10x1000μs waveform,repetition rate (duty
cycles):0.01%
7. Fast response time:typically less than 1.0ps from 0 Volts to BV min
8. Excellent clamping capability
9. Low incremental surge resistance
10. Typical IR less than 5μA above 11V
11. High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,
\(9.5mm) lead length, 5lbs., (2.3kg)tension
12. Plastic package has underwriters laboratory
flammability classification 94v-0
TVS devices are ideal for the protection of I/O interfaces,VCC bus and other vulnerable circuits used in telecom, computer,
industrial and consumer electronic applications.
UNI
BI
UNI
BI
Anode
Cathode
Applications


Similar Part No. - 5KP16A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP16A SURGE-5KP16A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP16A YFWDIODE-5KP16A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Vishay Siliconix
5KP16A VISHAY-5KP16A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Won-Top Electronics
5KP16A WTE-5KP16A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP16A SECOS-5KP16A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP16A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com