Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0805FR-1015KL Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RC0805FR-1015KL
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0805FR-1015KL Datasheet(HTML) 2 Page - YAGEO Corporation

  RC0805FR-1015KL Datasheet HTML 1Page - YAGEO Corporation RC0805FR-1015KL Datasheet HTML 2Page - YAGEO Corporation RC0805FR-1015KL Datasheet HTML 3Page - YAGEO Corporation RC0805FR-1015KL Datasheet HTML 4Page - YAGEO Corporation RC0805FR-1015KL Datasheet HTML 5Page - YAGEO Corporation RC0805FR-1015KL Datasheet HTML 6Page - YAGEO Corporation RC0805FR-1015KL Datasheet HTML 7Page - YAGEO Corporation RC0805FR-1015KL Datasheet HTML 8Page - YAGEO Corporation RC0805FR-1015KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun 16, 2009 V.4
Product specification
2
9
SERIES
RC
0805 (RoHS Compliant)
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
RC0805 X R - XX XXXX L
(1) (2) (3) (4)
(5)
(6)
(1) TOLERANCE
F = ±1%
J = ±5% (for Jumper ordering, use code of J)
(2) PACKAGING TYPE
R = Paper taping reel
(3) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(4) TAPING REEL
07 = 7 inch dia. Reel
10 = 10 inch dia. Reel
13 = 13 inch dia. Reel
(5) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(6) DEFAULT CODE
Letter L is system default code for order only (Note)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
RC0805 series chip resistors
with lead-free terminations made
by thick film process.
APPLICATIONS
All general purpose application
FEATURES
Halogen Free Epoxy
RoHS compliant
-
Products with lead free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Saving of PCB space
None forbidden-materials used
in products/production
ORDERING EXAMPLE
The ordering code of a RC0805
chip resistor, value 56 X with
±1% tolerance, supplied in 7-inch
tape reel is: RC0805FR-0756RL.
NOTE
1. All our RSMD products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process"
2. On customized label, "LFP" or specific
symbol can be printed
Resistance rule of global part
number
Resistance code rule
Example
0R
0R = Jumper
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω


Similar Part No. - RC0805FR-1015KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805FR-10100R YAGEO-RC0805FR-10100R Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-1010R YAGEO-RC0805FR-1010R Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-101K YAGEO-RC0805FR-101K Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-101K2L YAGEO-RC0805FR-101K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-101K5L YAGEO-RC0805FR-101K5L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0805FR-1015KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com