Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2R350SA-5 Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2R350SA-5
Description  Gas Discharge Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2R350SA-5 Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  2R350SA-5 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2R350SA-5 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2R350SA-5 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2R350SA-5 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2R350SA-5 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 2R350SA-5 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Gas Discharge Tubes - 2RA-5 Series
Plastic Tray
(265×147×10mm)
Inner Box
(270×145×50mm)
Outside Box
(310×280×275mm)
100 PCS/ Plastic Tray
500 PCS/ Box
5,000 PCS/ Carton
□ = S (No lead type)
Dimension
Packaging Taping
Unit:mm
Unit:mm
Unit:mm
T
D
L
d
D
T
Item
Dimensions
Spec.
Tolerance
D
5.5
+0.3/-0.5
T
6.0
+0.3/-0.5
L
20
Min.
d
0.8
±0.05
Item
Dimensions
Spec.
Tolerance
D
5.5
+0.3/-0.5
T
6.0
+0.3/-0.5
□ = T (Axial lead type)


Similar Part No. - 2R350SA-5

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R350SA-5 LEIDITECH-2R350SA-5 Datasheet
879Kb / 5P
   Gas Discharge Tube
More results

Similar Description - 2R350SA-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com