Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE2021AIDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2021AIDRG4
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2021AIDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLE2021AIDRG4 Datasheet HTML 1Page - Texas Instruments TLE2021AIDRG4 Datasheet HTML 2Page - Texas Instruments TLE2021AIDRG4 Datasheet HTML 3Page - Texas Instruments TLE2021AIDRG4 Datasheet HTML 4Page - Texas Instruments TLE2021AIDRG4 Datasheet HTML 5Page - Texas Instruments TLE2021AIDRG4 Datasheet HTML 6Page - Texas Instruments TLE2021AIDRG4 Datasheet HTML 7Page - Texas Instruments TLE2021AIDRG4 Datasheet HTML 8Page - Texas Instruments TLE2021AIDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGH-SPEED LOW-POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191D − FEBRUARY 1997 − REVISED NOVEMBER 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Supply Current . . . 300 μA Max
D High Unity-Gain Bandwidth...2 MHz Typ
D High Slew Rate . . . 0.45 V/μs Min
D Supply-Current Change Over Military Temp
Range ...10 μA Typ at VCC ± = ± 15 V
D Specified for Both 5-V Single-Supply and
±15-V Operation
D Phase-Reversal Protection
D High Open-Loop Gain... 6.5 V/μV
(136 dB) Typ
D Low Offset Voltage . . . 100 μV Max
D Offset Voltage Drift With Time
0.005 μV/mo Typ
D Low Input Bias Current . . . 50 nA Max
D Low Noise Voltage . . . 19 nV/√Hz Typ
description
The TLE202x, TLE202xA, and TLE202xB devices are precision, high-speed, low-power operational amplifiers
using a new Texas Instruments Excalibur process. These devices combine the best features of the OP21 with
highly improved slew rate and unity-gain bandwidth.
The complementary bipolar Excalibur process utilizes isolated vertical pnp transistors that yield dramatic
improvement in unity-gain bandwidth and slew rate over similar devices.
The addition of a bias circuit in conjunction with this process results in extremely stable parameters with both
time and temperature. This means that a precision device remains a precision device even with changes in
temperature and over years of use.
This combination of excellent dc performance with a common-mode input voltage range that includes the
negative rail makes these devices the ideal choice for low-level signal conditioning applications in either
single-supply or split-supply configurations. In addition, these devices offer phase-reversal protection circuitry
that eliminates an unexpected change in output states when one of the inputs goes below the negative supply
rail.
A variety of available options includes small-outline and chip-carrier versions for high-density systems
applications.
The C-suffix devices are characterized for operation from 0°C to 70°C. The I-suffix devices are characterized
for operation from −40°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of −55°C to 125°C.
Copyright © 2010, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TLE2021AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2021AIDRG4 TI1-TLE2021AIDRG4 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021AIDRG4 TI1-TLE2021AIDRG4 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2021AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE202X TI-TLE202X_07 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI-TLE202X-Q1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202XA TI-TLE202XA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI-TLE202X Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024-EP TI-TLE2024-EP Datasheet
898Kb / 42P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_16 Datasheet
2Mb / 80P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_17 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI1-TLE202X-Q1_15 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-EP TI1-TLE202X-EP Datasheet
1Mb / 46P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-EP TI1-TLE2021-EP Datasheet
1Mb / 45P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com