Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE2021ACP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2021ACP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2021ACP Datasheet(HTML) 5 Page - Texas Instruments

  TLE2021ACP Datasheet HTML 1Page - Texas Instruments TLE2021ACP Datasheet HTML 2Page - Texas Instruments TLE2021ACP Datasheet HTML 3Page - Texas Instruments TLE2021ACP Datasheet HTML 4Page - Texas Instruments TLE2021ACP Datasheet HTML 5Page - Texas Instruments TLE2021ACP Datasheet HTML 6Page - Texas Instruments TLE2021ACP Datasheet HTML 7Page - Texas Instruments TLE2021ACP Datasheet HTML 8Page - Texas Instruments TLE2021ACP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGH-SPEED LOW-POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191D − FEBRUARY 1997 − REVISED NOVEMBER 2010
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2022Y chip information
This chip, when properly assembled, displays characteristics similar to TLE2022. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. This chip may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4 × 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE ±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (4) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
OUT
IN +
IN −
VCC+
(8)
(6)
(3)
(2)
(5)
(1)
+
(7)
IN +
IN −
OUT
(4)
VCC−
80
86
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)


Similar Part No. - TLE2021ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2021ACP TI-TLE2021ACP Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021ACP TI-TLE2021ACP Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021ACP TI-TLE2021ACP Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021ACP TI1-TLE2021ACP Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021ACP TI1-TLE2021ACP Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2021ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE202X TI-TLE202X_07 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI-TLE202X-Q1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202XA TI-TLE202XA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI-TLE202X Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024-EP TI-TLE2024-EP Datasheet
898Kb / 42P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_16 Datasheet
2Mb / 80P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_17 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI1-TLE202X-Q1_15 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-EP TI1-TLE202X-EP Datasheet
1Mb / 46P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-EP TI1-TLE2021-EP Datasheet
1Mb / 45P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com