Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG1117A-2.5G4 Datasheet(PDF) 6 Page - Texas Instruments

Part # REG1117A-2.5G4
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG1117A-2.5G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REG1117A-2.5G4 Datasheet HTML 2Page - Texas Instruments REG1117A-2.5G4 Datasheet HTML 3Page - Texas Instruments REG1117A-2.5G4 Datasheet HTML 4Page - Texas Instruments REG1117A-2.5G4 Datasheet HTML 5Page - Texas Instruments REG1117A-2.5G4 Datasheet HTML 6Page - Texas Instruments REG1117A-2.5G4 Datasheet HTML 7Page - Texas Instruments REG1117A-2.5G4 Datasheet HTML 8Page - Texas Instruments REG1117A-2.5G4 Datasheet HTML 9Page - Texas Instruments REG1117A-2.5G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
6
SIMPLIFIED SCHEMATIC
Thermal
Limit
10X
V
OUT
V
IN
Ground (Fixed−voltage Models)
Adj. (Adjustable−voltage Model)
(Substrate)
+
Current
Limit


Similar Part No. - REG1117A-2.5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117A-2.5G4 BURR-BROWN-REG1117A-2.5G4 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A-2.5G4 BURR-BROWN-REG1117A-2.5G4 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117A-2.5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com