Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40050PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40050PWPR
Description  IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40050PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40050PWPR Datasheet HTML 3Page - Texas Instruments TPS40050PWPR Datasheet HTML 4Page - Texas Instruments TPS40050PWPR Datasheet HTML 5Page - Texas Instruments TPS40050PWPR Datasheet HTML 6Page - Texas Instruments TPS40050PWPR Datasheet HTML 7Page - Texas Instruments TPS40050PWPR Datasheet HTML 8Page - Texas Instruments TPS40050PWPR Datasheet HTML 9Page - Texas Instruments TPS40050PWPR Datasheet HTML 10Page - Texas Instruments TPS40050PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TPS40050
TPS40051
TPS40053
SLUS540F − DECEMBER 2002 − REVISED JUNE 2004
www.ti.com
7
APPLICATION INFORMATION
The TPS40050/51/53 family of parts allows the user to optimize the PWM controller to the specific application.
The TPS40051 will be the controller of choice for synchronous buck designs which will include most
applications. It has two quadrant operation and will source or sink output current. This provides the best
transient response.
The TPS40050 operates in one quadrant and sources output current only, allowing for paralleling of converters
and ensures that one converter does not sink current from another converter. This controller also emulates a
standard buck converter at light loads where the inductor current goes discontinuous. At continuous output
inductor currents the controller operates as a synchronous buck converter to optimize efficiency.
The TPS40053 operates in one quadrant as a standard buck converter during start up. After the output has
reached the regulation point, the controller operates in two quadrant mode and is put in a synchronous buck
configuration. This is useful for applications that have the output voltage ’pre-biased’ at some voltage before
the controller is enabled. When the TPS40053 controller is enabled it does not sink current during start up which
would pull current from the pre-biased voltage supply.
SW NODE RESISTOR AND DIODE
The SW node of the converter is negative during the dead time when both the upper and lower MOSFETs are
OFF. The magnitude of this negative voltage is dependent on the lower MOSFET body diode and the output
current which flows during this dead time. This negative voltage could affect the operation of the controller,
especially at low input voltages.
Therefore, a resistor (between 3.3
Ω and 4.7 Ω ) and Schottky diode must be placed between the lower
MOSFET drain and pin 12, SW, of the controller as shown in Figure 15. The Schottky diode must have a voltage
rating to accommodate the input voltage and ringing on the SW node of the converter. A 30-V Schottky such
as a BAT54 or a 40-V Schottky such as a Zetex ZHCS400 or Vishay SD103AWS are adequate. These
components are shown in Figure 15 as RSW and D2.
SETTING THE SWITCHING FREQUENCY (PROGRAMMING THE CLOCK OSCILLATOR)
The TPS4005x has independent clock oscillator and ramp generator circuits. The clock oscillator serves as the
master clock to the ramp generator circuit. The switching frequency, fSW in kHz, of the clock oscillator is set
by a single resistor (RT) to ground. The clock frequency is related to RT, in kΩ by equation (1) and the relationship
is charted in Figure 2.
R
T +
1
f
SW
17.82
10*6
* 23 kW
(1)


Similar Part No. - TPS40050PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050PWP TI-TPS40050PWP Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40050PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1489 HMSEMI-HM1489 Datasheet
1Mb / 11P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com