Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA5807ARGCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PGA5807ARGCT
Description  8-Channel, High-Bandwidth, Analog Front-End
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA5807ARGCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button PGA5807ARGCT Datasheet HTML 5Page - Texas Instruments PGA5807ARGCT Datasheet HTML 6Page - Texas Instruments PGA5807ARGCT Datasheet HTML 7Page - Texas Instruments PGA5807ARGCT Datasheet HTML 8Page - Texas Instruments PGA5807ARGCT Datasheet HTML 9Page - Texas Instruments PGA5807ARGCT Datasheet HTML 10Page - Texas Instruments PGA5807ARGCT Datasheet HTML 11Page - Texas Instruments PGA5807ARGCT Datasheet HTML 12Page - Texas Instruments PGA5807ARGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
−80
−78
−76
−74
−72
−70
−68
−66
−64
−62
−60
2
6
10
14
18
22
25
Frequency (MHz)
Gain = 12 dB
Gain = 30 dB
G012
−80
−78
−76
−74
−72
−70
−68
−66
−64
−62
−60
12
15
18
21
24
27
30
Gain (dB)
fIN = 5 MHz
fIN = 10 MHz
fIN = 25 MHz
G013
40
50
60
70
80
90
1
6
11
16
21
26
30
Frequency (MHz)
G010
60
62
64
66
68
70
12
15
18
21
24
27
30
Gain (dB)
Default
Low BW
G011
PGA5807A
www.ti.com
SBAS632 – OCTOBER 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 3.3 V, input dc-coupled with 2.1-V input common-mode, LNA gain = 12 dB, PGA gain = 18 dB, total
channel gain = 30 dB, GAIN[2:0] = 000, fIN = 5 MHz, default LPF filter corner, and VOUT = –1 dBFS, unless otherwise noted.
Figure 9. OUTPUT-REFERRED NOISE vs FREQUENCY
Figure 10. SIGNAL-TO-NOISE RATIO vs
(Gain = 30 dB)
GAIN ACROSS BANDWIDTH MODE
Figure 11. SECOND-HARMONIC DISTORTION vs
Figure 12. SECOND-HARMONIC DISTORTION vs GAIN
FREQUENCY
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PGA5807A


Similar Part No. - PGA5807ARGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA5807ARGCT TI1-PGA5807ARGCT Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
More results

Similar Description - PGA5807ARGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA5807A TI1-PGA5807A Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
PGA5807 TI1-PGA5807 Datasheet
947Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
logo
Maxim Integrated Produc...
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
   8-Channel Simultaneous- Sampling Analog Front End
2013
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two Channel Analog Front End
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com