Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20134MH Datasheet(PDF) 6 Page - Texas Instruments

Part # LM20134MH
Description  LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20134MH Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM20134MH Datasheet HTML 2Page - Texas Instruments LM20134MH Datasheet HTML 3Page - Texas Instruments LM20134MH Datasheet HTML 4Page - Texas Instruments LM20134MH Datasheet HTML 5Page - Texas Instruments LM20134MH Datasheet HTML 6Page - Texas Instruments LM20134MH Datasheet HTML 7Page - Texas Instruments LM20134MH Datasheet HTML 8Page - Texas Instruments LM20134MH Datasheet HTML 9Page - Texas Instruments LM20134MH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM20134, LM20134Q
SNVS527G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, fSW =
1 MHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Error Amplifier Gain
vs. Frequency
Line Regulation
Figure 7.
Figure 8.
Feedback Pin Voltage
Load Regulation
vs. Temperature
Figure 9.
Figure 10.
Switching Frequency
vs. Temperature
Switch Synchronization
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20134 LM20134Q


Similar Part No. - LM20134MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20134MH NSC-LM20134MH Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134MH NSC-LM20134MH Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20134MH TI-LM20134MH Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
logo
National Semiconductor ...
LM20134MHE NSC-LM20134MHE Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134MHE NSC-LM20134MHE Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
More results

Similar Description - LM20134MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20134MHE TI-LM20134MHE Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20136 TI-LM20136_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM20136 6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com