Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QID1210006 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QID1210006
Description  Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID1210006 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QID1210006 Datasheet HTML 1Page - Powerex Power Semiconductors QID1210006 Datasheet HTML 2Page - Powerex Power Semiconductors QID1210006 Datasheet HTML 3Page - Powerex Power Semiconductors QID1210006 Datasheet HTML 4Page - Powerex Power Semiconductors QID1210006 Datasheet HTML 5Page - Powerex Power Semiconductors QID1210006 Datasheet HTML 6Page - Powerex Power Semiconductors QID1210006 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Split Dual Si/SiC
Hybrid IGBT Module
100 Amperes/1200 Volts
QID1210006
1
2/7/14 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
Description:
Powerex IGBT Modules are
designed for use in high frequency
applications; upwards of 30 kHz
for hard switching applications
and 80 kHz for soft switching
applications. Each module consists
of two IGBT Transistors with each
transistor having a reverse-
connected super-fast recovery
free-wheel silicon carbide Schottky
diode. All components and inter-
connects are isolated from the
heat sinking baseplate, offering
simplified system assembly and
thermal management.
Features:
£
Low ESW(off)
£
Aluminum Nitride Isolation
£
Discrete Super-Fast
Recovery Free-Wheel Silicon
Carbide Schottky Diode
£
Low Internal Inductance
£
2 Individual Switches
per Module
£
Isolated Baseplate for Easy
Heat Sinking
£
AlSiC Baseplate
£
RoHS Compliant
Applications:
£
Energy Saving Power
Systems such as:
Fans; Pumps; Consumer
Appliances
£
High Frequency Type Power
Systems such as:
UPS; High Speed Motor Drives;
Induction Heating; Welder;
Robotics
£
High Temperature Power
Systems such as:
Power Electronics in Electric
Vehicle and Aviation Systems
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.32
109.8
B
2.21
56.1
C
0.71
18.0
D
3.70±0.02
94.0±0.5
E
2.026
51.46
F
3.17
80.5
G
1.96
49.8
H
1.00
25.5
K
0.87
22.0
L
0.266
6.75
M
0.26
6.5
N
0.59
15.0
P
0.586
14.89
Dimensions
Inches
Millimeters
Q
0.449
11.40
R
0.885
22.49
S
1.047
26.6
T
0.15
3.80
U
0.16
4.0
V
0.30
7.5
W
0.045
1.15
X
0.03
0.8
Y
0.16
4.0
Z
0.47
12.1
AA
0.17 Dia.
4.3 Dia.
AB
0.10 Dia.
2.5 Dia.
AC
0.08 Dia.
2.1 Dia.
G1 (15 - 16)
E1 (13 - 14)
C1 (10 - 12)
E2
C2
E1
C1
S1
G1
S2
G2
E1 (7 - 9)
G2 (19 - 20)
E2 (17 - 18)
C2 (4 - 6)
E2 (1 - 3)
P
Q
Q
Q
T
R
S
D
1 2 3
4 5 6
7 8 9
10 11 12
15 14 13
16
19 18 17
20
F
A
L
W
V
T
G
B
M
N
C
H
K
DETAIL "A"
X
U
DETAIL "A"
E
AA
AB
Z
Y
AC
DETAIL "B"
DETAIL "B"


Similar Part No. - QID1210006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID1210006 POWEREX-QID1210006 Datasheet
798Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
More results

Similar Description - QID1210006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID1210006 POWEREX-QID1210006 Datasheet
798Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
QID1210005 POWEREX-QID1210005 Datasheet
790Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011 Datasheet
703Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010_14 Datasheet
812Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010 Datasheet
700Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011_14 Datasheet
811Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
KT521205 POWEREX-KT521205 Datasheet
202Kb / 4P
   Split-Dual Darlington Transistor Module (50 Amperes/1200 Volts)
KT521203 POWEREX-KT521203 Datasheet
205Kb / 4P
   Split-Dual Darlington Power Module (30 Amperes/1200 Volts)
CM100TX-24S POWEREX-CM100TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 100 Amperes/1200 Volts
QID1210007 POWEREX-QID1210007 Datasheet
608Kb / 7P
   Split Dual Si/SiC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com