Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSS30S92E6-AG Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # PSS30S92E6-AG
Description  Dual-In-Line Package Intelligent Power Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PSS30S92E6-AG Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button PSS30S92E6-AG Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PSS30S92E6-AG Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PSS30S92E6-AG Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PSS30S92E6-AG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PSS30S92E6-AG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PSS30S92E6-AG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PSS30S92E6-AG Datasheet HTML 10Page - Mitsubishi Electric Semiconductor PSS30S92E6-AG Datasheet HTML 11Page - Mitsubishi Electric Semiconductor PSS30S92E6-AG Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
< Dual-In-Line Package Intelligent Power Module >
PSS30S92F6-AG, PSS30S92E6-AG
TRANSFER MOLDING TYPE
INSULATED TYPE
Publication Date : December 2013
10
Fig. 10 Package Outlines
PSS**S92F6-AG, PSS**S92E6-AG
Dimensions in mm
1) 9 & 16 pins (VNC) are connected inside DIPIPM, please connect either one to the control power supply GND outside and leave another one open.
2) No.17 is VOT for built-in temperature output function type (PSS**S92F6-AG) and NC (No Connection) for built-in OT protection function type (PSS**S92E6-AG).
QR Code is registered trademark of DENSO WAVE INCORPORATED in JAPAN and other countries.
TERMINAL CODE
1-A
NC(VNC)
1-B
NC(VP1)
2
VUFB
3
VVFB
4
VWFB
5
UP
6
VP
7
WP
8
VP1
9
VNC *1
10
UN
11
VN
12
WN
13
VN1
14
Fo
15
CIN
16
VNC *1
17
NC / VOT *2
18
NW
19
NV
20
NU
21
W
22
V
23
U
24
P
25
NC


Similar Part No. - PSS30S92E6-AG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PSS30S71F6 MITSUBISHI-PSS30S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PSS30S92E6-AG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com