Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM61CIM3X Datasheet(PDF) 2 Page - Texas Instruments

Part # LM61CIM3X
Description  LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM61CIM3X Datasheet(HTML) 2 Page - Texas Instruments

  LM61CIM3X Datasheet HTML 1Page - Texas Instruments LM61CIM3X Datasheet HTML 2Page - Texas Instruments LM61CIM3X Datasheet HTML 3Page - Texas Instruments LM61CIM3X Datasheet HTML 4Page - Texas Instruments LM61CIM3X Datasheet HTML 5Page - Texas Instruments LM61CIM3X Datasheet HTML 6Page - Texas Instruments LM61CIM3X Datasheet HTML 7Page - Texas Instruments LM61CIM3X Datasheet HTML 8Page - Texas Instruments LM61CIM3X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM61
SNIS121I – JUNE 1999 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL APPLICATION
A.
VO = (+10 mV/°C × T °C) + 600 mV
Figure 1. Full-Range Centigrade Temperature Sensor (
−30°C to +100°C) Operating from
a Single Li-Ion Battery Cell
Table 2. Temperature and Typical VO Values of Figure 1
TEMPERATURE (T)
TYPICAL VO
+100°C
+1600 mV
+85°C
+1450 mV
+25°C
+850 mV
0°C
+600 mV
−25°C
+350 mV
−30°C
+300 mV
CONNECTION DIAGRAMS
Figure 2. SOT-23 (Top View)
Figure 3. TO-92 (Bottom View)
See Package Number DBZ0003A
See Package Number LP0003A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM61


Similar Part No. - LM61CIM3X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM61CIM3X NSC-LM61CIM3X Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3X NSC-LM61CIM3X Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM61CIM3X TI-LM61CIM3X Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Similar Description - LM61CIM3X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
   2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com