Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSS20S92E6-AG Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PSS20S92E6-AG
Description  Dual-In-Line Package Intelligent Power Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PSS20S92E6-AG Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button PSS20S92E6-AG Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PSS20S92E6-AG Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PSS20S92E6-AG Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PSS20S92E6-AG Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PSS20S92E6-AG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PSS20S92E6-AG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PSS20S92E6-AG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PSS20S92E6-AG Datasheet HTML 10Page - Mitsubishi Electric Semiconductor PSS20S92E6-AG Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
< Dual-In-Line Package Intelligent Power Module >
PSS20S92F6-AG, PSS20S92E6-AG
TRANSFER MOLDING TYPE
INSULATED TYPE
Publication Date : October 2013
7
[C] Under-Voltage Protection (P-side, UVDB)
c1. Control supply voltage VDB rises. After the voltage reaches under voltage reset level UVDBr, IGBT turns on by next ON signal (LH).
c2. Normal operation: IGBT ON and outputs current.
c3. VDB level drops to under voltage trip level (UVDBt).
c4. IGBT of the correspond phase only turns OFF in spite of control input signal level, but there is no FO signal output.
c5. VDB level reaches UVDBr.
c6. Normal operation: IGBT ON and outputs current.
[D] Over Temperature Protection (N-side, Detecting LVIC temperature)
d1. Normal operation: IGBT ON and outputs current.
d2. LVIC temperature exceeds over temperature trip level(OTt).
d3. All N-side IGBTs turn OFF in spite of control input condition.
d4. Fo outputs for tFo=minimum 20
μs
, but output is extended during LVIC temperature keeps over OTt.
d5. LVIC temperature drops to over temperature reset level.
d6. Normal operation: IGBT turns on by next ON signal (L
H).
(IGBT of each phase can return to normal state by inputting ON signal to each phase.)
Control input
Protection circuit state
Control supply voltage VDB
Output current Ic
Error output Fo
UVDBr
RESET
SET
RESET
UVDBt
Keep High-level (no fault output)
c1
c2
c3
c4
c5
c6
SET
RESET
OTt
d1
d2
d3
d5
d6
d4
OTt - OTrh
Control input
Protection circuit state
Temperature of LVIC
Output current Ic
Error output Fo


Similar Part No. - PSS20S92E6-AG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PSS20S51F6 MITSUBISHI-PSS20S51F6 Datasheet
579Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PSS20S51F6-C MITSUBISHI-PSS20S51F6-C Datasheet
579Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PSS20S71F6 MITSUBISHI-PSS20S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PSS20S92E6-AG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com