Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8816PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8816PWPR
Description  DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8816PWPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8816PWPR Datasheet HTML 1Page - Texas Instruments DRV8816PWPR Datasheet HTML 2Page - Texas Instruments DRV8816PWPR Datasheet HTML 3Page - Texas Instruments DRV8816PWPR Datasheet HTML 4Page - Texas Instruments DRV8816PWPR Datasheet HTML 5Page - Texas Instruments DRV8816PWPR Datasheet HTML 6Page - Texas Instruments DRV8816PWPR Datasheet HTML 7Page - Texas Instruments DRV8816PWPR Datasheet HTML 8Page - Texas Instruments DRV8816PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DRV8816
www.ti.com
SLRS063 – SEPTEMBER 2013
DMOS DUAL ½-H-BRIDGE MOTOR DRIVERS
Check for Samples: DRV8816
1
FEATURES
DESCRIPTION
The DRV8816 provides a versatile power driver
Low ON-Resistance (0.83-
Ω) Outputs
solution with two independent ½-H bridge drivers.
Individual ½-H bridge control
The device can drive one brushed DC motor or one
Low-Power Sleep Mode
winding of a stepper motor, as well as other devices
like solenoids. A simple INx/ENx interface allows
100% PWM Supported
easy interfacing to controller circuits.
8.0 - 38 V Operating Supply Voltage Range
The output stages use N-channel power MOSFET’s
Thermally Enhanced Surface Mount Package
configured as ½-H-bridges. The DRV8816 is capable
Configurable Overcurrent Limit
of peak output currents up to ±2.8 A and operating
Protection Features
voltages up to 38 V. An internal charge pump
generates needed gate drive voltages.
VBB Undervoltage Lockout (UVLO)
Charge Pump Undervoltage (CPUV)
A low-power sleep mode is provided which shuts
down internal circuitry to achieve very low quiescent
Overcurrent Protection (OCP)
current draw. This sleep mode can be set using a
Short-to-Supply Protection (STS)
dedicated nSLEEP pin.
Short-to-Ground Protection (STG)
Internal protection functions are provided for under
Overtemperature Warning (OTW)
voltage lockout, charge pump fault, overcurrent
Overtemperature Shutdown (OTS)
protection, short-to-supply protection, short-to-ground
protection,
overtemperature
warning,
and
Fault Condition Indication Pin (nFAULT)
overtemperature
shutdown.
Fault
conditions
are
indicated via an nFAULT pin
APPLICATIONS
The DRV8816 is packaged in a 16 pin HTSSOP
Printers
package with PowerPAD™ (Eco-friendly: RoHS & no
Industrial Automation
Sb/Br)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV8816PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
[Old version datasheet]   DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
DRV8816PWPR TI1-DRV8816PWPR Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
More results

Similar Description - DRV8816PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8816 TI-DRV8816_15 Datasheet
985Kb / 27P
[Old version datasheet]   DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
[Old version datasheet]   DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com