Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2219A Datasheet(PDF) 1 Page - Boca Semiconductor Corporation

Part # 2N2219A
Description  NPN SILICON PLANAR SWITCHING TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

2N2219A Datasheet(HTML) 1 Page - Boca Semiconductor Corporation

  2N2219A Datasheet HTML 1Page - Boca Semiconductor Corporation 2N2219A Datasheet HTML 2Page - Boca Semiconductor Corporation 2N2219A Datasheet HTML 3Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2218A
2N2219A
TO-39
Switching And Linear Application DC And VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N2218A,19A
UNIT
Collector -Emitter Voltage
VCEO
40
V
Collector -Base Voltage
VCBO
75
V
Emitter -Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
800
mA
Power Dissipation @Ta=25 degC
PD
800
mW
Derate Above 25deg C
4.57
mW/deg C
@ Tc=25 degC
PD
3.0
W
Derate Above 25deg C
17.1
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
MIN
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA,IB=0
40
-
V
Collector -Base Voltage
VCBO
IC=10uA.IE=0
75
-
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
6.0
-
V
Collector-Cut off Current
ICBO
VCB=60V, IE=0
-
10
nA
Ta=150 deg C
VCB=60V, IE=0
-
10
uA
ICEX
VCE=60V, VEB=3V
-
10
nA
Emitter-Cut off Current
IEBO
VEB=3V, IC=0
-
10
nA
Base-Cut off Current
IBL
VCE=60V, VEB=3V
-
20
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=150mA,IB=15mA
-
0.3
V
IC=500mA,IB=50mA
1.0
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=150mA,IB=15mA
-
0.6-1.2
V
IC=500mA,IB=50mA
-
2.0
V
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3
Boca Semiconductor Corp.
BSC
http://www.bocasemi.com
page 1


Similar Part No. - 2N2219A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2219A PHILIPS-2N2219A Datasheet
55Kb / 8P
   NPN switching transistors
1997 Sep 03
logo
Seme LAB
2N2219A SEME-LAB-2N2219A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
TT Electronics.
2N2219A TTELEC-2N2219A Datasheet
247Kb / 3P
   SILICON SWITCHING NPN TRANSISTOR
logo
STMicroelectronics
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
logo
Micro Commercial Compon...
2N2219A MCC-2N2219A Datasheet
332Kb / 10P
   SMALL SIGNAL BIPOLAR NPN SILICON
More results

Similar Description - 2N2219A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
2N2221 CDIL-2N2221 Datasheet
273Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2904A BOCA-2N2904A Datasheet
43Kb / 2P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2221A CDIL-2N2221A Datasheet
228Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
PN2222 TEL-PN2222 Datasheet
87Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2221A NJSEMI-2N2221A Datasheet
227Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2218A CDIL-2N2218A Datasheet
213Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
PN2222 CDIL-PN2222 Datasheet
268Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
P2N2222 TEL-P2N2222 Datasheet
86Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com