Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1120 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1120
Description  Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1120 Datasheet HTML 7Page - Texas Instruments ADS1120 Datasheet HTML 8Page - Texas Instruments ADS1120 Datasheet HTML 9Page - Texas Instruments ADS1120 Datasheet HTML 10Page - Texas Instruments ADS1120 Datasheet HTML 11Page - Texas Instruments ADS1120 Datasheet HTML 12Page - Texas Instruments ADS1120 Datasheet HTML 13Page - Texas Instruments ADS1120 Datasheet HTML 14Page - Texas Instruments ADS1120 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
-60
-40
-20
0
20
40
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Differential Input Voltage V
IN (V)
Ta = -40
SC
Ta = +25
SC
Ta = +85
SC
Ta = +125
SC
C038
AVDD = 3.3 V
PGA Enabled
AIN0:AIN1
-60
-40
-20
0
20
40
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Differential Input Voltage V
IN (V)
Ta = -40
SC
Ta = +25
SC
Ta = +85
SC
Ta = +125
SC
C023
AVDD = 3.3 V
PGA Enabled
AIN3:AIN2
-50
-40
-30
-20
-10
0
10
20
0.5
1
1.5
2
2.5
3
Absolute Input Voltage V
AINx (V)
AIN0
AIN1
AIN2
AIN3
C032
AVDD = 3.3 V
PGA Enabled
T
A = +85°C
-250
-200
-150
-100
-50
0
50
100
0.5
1
1.5
2
2.5
3
Absolute Input Voltage V
AINx (V)
AIN0
AIN1
AIN2
AIN3
C033
AVDD = 3.3 V
PGA Enabled
T
A = +125°C
-15
-10
-5
0
5
10
15
0.5
1
1.5
2
2.5
3
Absolute Input Voltage V
AINx (V)
AIN0
AIN1
AIN2
AIN3
C030
AVDD = 3.3 V
PGA Enabled
T
A = -40°C
-15
-10
-5
0
5
10
15
0.5
1
1.5
2
2.5
3
Absolute Input Voltage V
AINx (V)
AIN0
AIN1
AIN2
AIN3
C031
AVDD = 3.3 V
PGA Enabled
T
A = +25°C
ADS1120
www.ti.com
SBAS535A – AUGUST 2013 – REVISED JANUARY 2014
Typical Characteristics (continued)
At TA = +25°C, AVDD = 3.3 V, AVSS = 0 V, and PGA enabled using external VREF = 2.5 V, unless otherwise noted.
Figure 14. Absolute Input Current vs
Figure 15. Absolute Input Current vs
Absolute Input Voltage
Absolute Input Voltage
(PGA Enabled, TA = –40°C)
(PGA Enabled, TA = +25°C)
Figure 16. Absolute Input Current vs
Figure 17. Absolute Input Current vs
Absolute Input Voltage
Absolute Input Voltage
(PGA Enabled, TA = +85°C)
(PGA Enabled, TA = +125°C)
Figure 18. Differential Input Current vs
Figure 19. Differential Input Current vs
Differential Input Voltage
Differential Input Voltage
(PGA Enabled, AINP = AIN0, AINN = AIN1)
(PGA Enabled, AINP = AIN3, AINN = AIN2)
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :ADS1120


Similar Part No. - ADS1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
More results

Similar Description - ADS1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com