Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS42LB69IRGC25 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS42LB69IRGC25
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42LB69IRGC25 Datasheet(HTML) 2 Page - Texas Instruments

  ADS42LB69IRGC25 Datasheet HTML 1Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 2Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 3Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 4Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 5Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 6Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 7Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 8Page - Texas Instruments ADS42LB69IRGC25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
ADS42LB49
ADS42LB69
SLAS904D – OCTOBER 2012 – REVISED SEPTEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
MIN
MAX
AVDD3V
–0.3
3.6
V
Supply voltage range
AVDD
–0.3
2.1
V
DRVDD
–0.3
2.1
V
Voltage between AGND and DGND
–0.3
0.3
V
INA, INBP, INA, INBM
–0.3
3
V
CLKINP, CLKINM
–0.3
AVDD + 0.3
V
Voltage applied to input pins
SYNCINP, SYNCINM
–0.3
AVDD + 0.3
V
SCLK, SEN, SDATA, RESET, CTRL1, CTRL2
–0.3
3.9
V
Operating free-air, TA
–40
+85
°C
Temperature range
Operating junction, TJ
+125
°C
Storage, Tstg
–65
+150
°C
Electrostatic discharge (ESD)
Human body model (HBM)
2
kV
ratings
THERMAL INFORMATION
ADS42LB49,
ADS42LB69
THERMAL METRIC(1)
UNITS
RGC (QFN)
64 PINS
θJA
Junction-to-ambient thermal resistance
22.9
θJCtop
Junction-to-case (top) thermal resistance
7.1
θJB
Junction-to-board thermal resistance
2.5
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
2.5
θJCbot
Junction-to-case (bottom) thermal resistance
0.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42LB49 ADS42LB69


Similar Part No. - ADS42LB69IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS42LB69 TI-ADS42LB69 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB69 TI-ADS42LB69 Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
ADS42LB69EVM TI-ADS42LB69EVM Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
More results

Similar Description - ADS42LB69IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com