Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM450DV1A120 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM450DV1A120
Description  Single Phase IGBT Inverter Output 450 Amperes/1200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM450DV1A120 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM450DV1A120 Datasheet HTML 1Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 2Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 3Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 4Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 5Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PM450DV1A120
Intellimod™ Module
Single Phase IGBT Inverter Output
450 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
4
08/12 Rev. 1
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Inverter IGBT (Per 1 Element)*1
0.056
K/Watt
Rth(j-c)D
Inverter FWDi (Per 1 Element)*1
0.079
K/Watt
Contact Thermal Resistance
Rth(c-s)
Case to Heatsink (Per 1 Module),
0.018
K/Watt
Thermal Grease Applied*1
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied Across C1-E2 Terminals
≤ 800
Volts
Control Supply Voltage
VD
Applied Between VP1-VPC, VN1-VNC*
3
15 ±1.5
Volts
Input ON Voltage
VCIN(on)
Applied Between
≤ 0.8
Volts
Input OFF Voltage
VCIN(off)
CP1-VPC, CN1-VNC
≥ 4.0
Volts
PWM Input Frequency
fPWM
Using Application Circuit
≤ 20
kHz
Arm Shoot-Through Blocking Time
tDEAD
For IPM’s each Input Signal
≥ 3.5
µs
*1 Case temperature (TC) measured point is just under the chips.
*3 With ripple satisfying the following conditions: dv/dt swing ≤
±5V/µs, variation ≤ 2V peak to peak.


Similar Part No. - PM450DV1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM450DV1A120 MITSUBISHI-PM450DV1A120 Datasheet
419Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM450DV1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300DV1A120 POWEREX-PM300DV1A120 Datasheet
476Kb / 6P
   Single Phase IGBT Inverter Output 300 Amperes/1200 Volts
PM200DV1A120 POWEREX-PM200DV1A120 Datasheet
462Kb / 6P
   Single Phase IGBT Inverter Output 200 Amperes/1200 Volts
PM450CLA120 POWEREX-PM450CLA120 Datasheet
287Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 450 Amperes/1200 Volts
PM200DVA120 POWEREX-PM200DVA120 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM100DSA120 POWEREX-PM100DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com